Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LV594A Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54LV594A
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV594A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54LV594A Datasheet HTML 4Page - Texas Instruments SN54LV594A Datasheet HTML 5Page - Texas Instruments SN54LV594A Datasheet HTML 6Page - Texas Instruments SN54LV594A Datasheet HTML 7Page - Texas Instruments SN54LV594A Datasheet HTML 8Page - Texas Instruments SN54LV594A Datasheet HTML 9Page - Texas Instruments SN54LV594A Datasheet HTML 10Page - Texas Instruments SN54LV594A Datasheet HTML 11Page - Texas Instruments SN54LV594A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN54LV594A, SN74LV594A
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS413I − APRIL 1998 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV594A
SN74LV594A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
65*
80*
45*
45
MHz
fmax
CL = 50 pF
60
70
40
40
MHz
tPLH
RCLK
QA−QH
6.4*
10.6*
1*
11.1*
1
11.1
tPHL
RCLK
QA−QH
6.3*
10.4*
1*
11.1*
1
11.1
tPLH
SRCLK
QH
C = 15 pF
7.4*
12.1*
1*
12.8*
1
12.8
ns
tPHL
SRCLK
QH′
CL = 15 pF
7.2*
11.6*
1*
12.8*
1
12.8
ns
tPHL
RCLR
QA−QH
7.9*
12.7*
1*
13.6*
1
13.6
tPHL
SRCLR
QH′
7.4*
11.9*
1*
13.1*
1
13.1
tPLH
RCLK
QA−QH
9.5
14.1
1
14.6
1
14.6
tPHL
RCLK
QA−QH
10.8
15.5
1
17.2
1
17.2
tPLH
SRCLK
QH
CL = 50 pF
10.6
15.7
1
16.5
1
16.5
ns
tPHL
SRCLK
QH′
CL = 50 pF
11.3
16.1
1
18.6
1
18.6
ns
tPHL
RCLR
QA−QH
12.1
17.4
1
19
1
19
tPHL
SRCLR
QH′
11.6
16.5
1
18.6
1
18.6
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV594A
SN74LV594A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
80*
120*
70*
70
MHz
fmax
CL = 50 pF
55
105
50
50
MHz
tPLH
RCLK
QA−QH
4.6*
8*
1*
8.5*
1
8.5
tPHL
RCLK
QA−QH
4.9*
8.2*
1*
8.8*
1
8.8
tPLH
SRCLK
QH
C = 15 pF
5.4*
9.1*
1*
9.7*
1
9.7
ns
tPHL
SRCLK
QH′
CL = 15 pF
5.5*
9.2*
1*
9.9*
1
9.9
ns
tPHL
RCLR
QA−QH
6*
9.8*
1*
10.6*
1
10.6
tPHL
SRCLR
QH′
5.6*
9.2*
1*
10*
1
10
tPLH
RCLK
QA−QH
6.9
10.5
1
11.1
1
11.1
tPHL
RCLK
QA−QH
8.1
11.9
1
13.1
1
13.1
tPLH
SRCLK
QH
CL = 50 pF
7.7
11.7
1
12.4
1
12.4
ns
tPHL
SRCLK
QH′
CL = 50 pF
8.4
12.5
1
13.9
1
13.9
ns
tPHL
RCLR
QA−QH
9.1
13.1
1
14.4
1
14.4
tPHL
SRCLR
QH′
8.5
12.4
1
14
1
14
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54LV594A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594AFK TI-SN54LV594AFK Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594AJ TI-SN54LV594AJ Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN54LV594A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com