Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLS4D23NP-220N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLS4D23NP-220N
Description  Power Inductor & 2 in 1 Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D23NP-220N Datasheet(HTML) 2 Page - Sumida Corporation

  CLS4D23NP-220N Datasheet HTML 1Page - Sumida Corporation CLS4D23NP-220N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor & 2 in 1 Power Transformer < SMD Type: CLS Series>
Type: CLS4D23
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current(A)
(at 20℃)※1
Temperature
Rise current
(A) ※2
(1,4-2,3)
(2-3) (1,4 Short)
Part No.
Stamp
Inductance
Within]
at20℃ at100℃
at20℃
at100℃
(1,4-2,3)
(2-3)
(1,4 Short)
CLS4D23NP-1R2N□
A
1.2μH±30%
2.9
2.5
1.5
1.3
4.0
1.8
CLS4D23NP -1R7N□
B
1.7µH±30%
2.6
2.2
1.3
1.0
3.2
1.4
CLS4D23NP -2R2N□
C
2.2µH±30%
2.4
1.9
1.1
0.9
3.0
1.3
CLS4D23NP -3R6N□
D
3.6µH±30%
1.7
1.4
1.0
0.75
2.4
1.1
CLS4D23NP -5R3N□
E
5.3µH±30%
1.5
1.1
0.72
0.60
2.0
0.85
CLS4D23NP -7R3N□
F
7.3µH±30%
1.3
1.1
0.54
0.45
1.8
0.75
CLS4D23NP -11ØN□
G
11µH±30%
0.9
0.70
0.47
0.41
1.6
0.62
CLS4D23NP -17ØN□
H
17µH±30%
0.72
0.65
0.40
0.30
1.1
0.45
CLS4D23NP -22ØN□
I
22µH±30%
0.57
0.55
0.27
0.22
1.1
0.43
Description Of Part Name
CLS4D23NP -1R2N□
1. Saturation Current: The DC current at which the inductance decreases to 90% of it’s nominal value.
2
.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CLS4D23NP-220N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D23B SUMIDA-CLS4D23B Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CLS4D23B-110NB SUMIDA-CLS4D23B-110NB Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D23B-110NC SUMIDA-CLS4D23B-110NC Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
More results

Similar Description - CLS4D23NP-220N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS6D23 SUMIDA-CLS6D23 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS6D18 SUMIDA-CLS6D18 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS3D18 SUMIDA-CLS3D18 Datasheet
44Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS3D23 SUMIDA-CLS3D23 Datasheet
56Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
   Power Inductor & 2 in 1 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com