Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR105NP-560KC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CR105NP-560KC
Description  POWER INDUCTORS Type: CR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CR105NP-560KC Datasheet(HTML) 2 Page - Sumida Corporation

  CR105NP-560KC Datasheet HTML 1Page - Sumida Corporation CR105NP-560KC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CR105
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CR Series>
◆ Specification
Part Name
Stamp
Inductance
[Within]
※1
D.C.R.(Ω)
[MAX.]
at 20℃
Rated
Current
(A) ※2
S.R.F.
(MHz)
[REF.]
CR1Ø5NP-1R8M□
CR1Ø5NP-2R5M□
CR1Ø5NP-3R3M□
1R8M
2R5M
3R3M
1.8μH ± 20%
2.5μH ± 20%
3.3μH ± 20%
13.0m
15.6m
18.2m
6.0
5.5
5.0
91.0
67.6
54.8
CR1Ø5NP-4R2M□
CR1Ø5NP-5R1M□
CR1Ø5NP-6R3M□
4R2M
5R1M
6R3M
4.2μH ± 20%
5.1μH ± 20%
6.3μH ± 20%
20.8m
23.4m
26.0m
4.5
4.0
3.6
46.4
40.7
34.4
CR1Ø5NP-7R5M□
CR1Ø5NP-8R6M□
CR1Ø5NP-1ØØM□
7R5M
8R6M
100M
7.5μH ± 20%
8.6μH ± 20%
10μH ± 20%
28.6m
32.5m
0.06
3.3
3.0
2.6
32.9
30.1
26.3
CR1Ø5NP-12ØM□
CR1Ø5NP-15ØM□
CR1Ø5NP-18ØM□
120M
150M
180M
12μH ± 20%
15μH ± 20%
18μH ± 20%
0.07
0.08
0.09
2.45
2.27
2.15
24.7
22.8
19.6
CR1Ø5NP-22ØM□
CR1Ø5NP-27ØM□
CR1Ø5NP-33ØM□
220M
270M
330M
22μH ± 20%
27μH ± 20%
33μH ± 20%
0.10
0.11
0.12
1.95
1.76
1.50
17.8
15.5
14.3
CR1Ø5NP-39ØM□
CR1Ø5NP-47ØK□
CR1Ø5NP-56ØK□
390M
470K
560K
39μH ± 20%
47μH ± 10%
56μH ± 10%
0.14
0.17
0.19
1.37
1.28
1.17
12.5
10.9
10.0
CR1Ø5NP-68ØK□
CR1Ø5NP-82ØK□
CR1Ø5NP-1Ø1K□
680K
820K
101K
68μH ± 10%
82μH ± 10%
100μH ± 10%
0.22
0.25
0.35
1.11
1.00
0.97
9.20
8.50
7.20
CR1Ø5NP-121K□
CR1Ø5NP-151K□
CR1Ø5NP-181K□
121K
151K
181K
120μH ± 10%
150μH ± 10%
180μH ± 10%
0.40
0.47
0.63
0.89
0.78
0.72
7.00
6.30
5.50
CR1Ø5NP-221K□
CR1Ø5NP-271K□
CR1Ø5NP-331K□
221K
271K
331K
220μH ± 10%
270μH ± 10%
330μH ± 10%
0.73
0.97
1.15
0.66
0.57
0.52
5.10
4.50
3.90
CR1Ø5NP-391K□
CR1Ø5NP-471K□
CR1Ø5NP-561K□
391K
471K
561K
390μH ± 10%
470μH ± 10%
560μH ± 10%
1.30
1.48
1.90
0.48
0.42
0.33
3.70
3.50
3.20
CR1Ø5NP-681K□
CR1Ø5NP-821K□
681K
821K
680μH ± 10%
820μH ± 10%
2.25
2.55
0.28
0.24
2.70
2.60
※ Description of part name
CR1Ø5NP-1R8M□
※1.Measuring frequency
1.8μH ∼ 8.6μH
at
7.96 MHz
10μH ∼ 82μH
at
2.52
MHz
100μH ∼ 820μH ;
at
1
kHz
※2. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
△t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CR105NP-560KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR105 SUMIDA-CR105 Datasheet
113Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
113Kb / 2P
   POWER INDUCTORS
logo
List of Unclassifed Man...
CR105 ETC1-CR105 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Similar Description - CR105NP-560KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR5D11 SUMIDA-CR5D11_06 Datasheet
188Kb / 2P
   POWER INDUCTORS
CR43 SUMIDA-CR43 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75_06 Datasheet
160Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com