Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLS4D23NP-3R6N Datasheet(PDF) 1 Page - Sumida Corporation

Part # CLS4D23NP-3R6N
Description  Power Inductor & 2 in 1 Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D23NP-3R6N Datasheet(HTML) 1 Page - Sumida Corporation

  CLS4D23NP-3R6N Datasheet HTML 1Page - Sumida Corporation CLS4D23NP-3R6N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor & 2 in 1 Power Transformer < SMD Type: CLS Series>
Type: CLS4D23
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
5.2×5.0mm Max.(L×W), 2.5mm Max. Height.
4 Terminal pins’ type gives a flexible design as inductors or transformers
(SEPIC,ZETA circuit).
Custom design is available.
Feature
Max. Operating frequency 1MHz, Max.
2 in 1 Coils for high efficient up-down DC-DC converters (SEPIC, Zeta circuits to be used).
Can be also used as DC-DC converter inductors.
Ideally used in the power supply for DSC、Note PC、DVC and W-LED backlighting.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Land Pattern (mm)
“ S” indicates winding start.
3.1
1.5
4.8 ±0.2
Max.2.5
2.6
4.2


Similar Part No. - CLS4D23NP-3R6N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D23B SUMIDA-CLS4D23B Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CLS4D23B-110NB SUMIDA-CLS4D23B-110NB Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D23B-110NC SUMIDA-CLS4D23B-110NC Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
More results

Similar Description - CLS4D23NP-3R6N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS6D23 SUMIDA-CLS6D23 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS6D18 SUMIDA-CLS6D18 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS3D18 SUMIDA-CLS3D18 Datasheet
44Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS3D23 SUMIDA-CLS3D23 Datasheet
56Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
   Power Inductor & 2 in 1 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com