Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMD4D11NP-330M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CMD4D11NP-330M
Description  Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD4D11NP-330M Datasheet(HTML) 1 Page - Sumida Corporation

  CMD4D11NP-330M Datasheet HTML 1Page - Sumida Corporation CMD4D11NP-330M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Transformers <SMD Type: CMD Series>
Type: CMD4D11
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/
2
Product Description
5.8×4.4mm Max.(L×W),1.2mm Max.Height.
Inductance range: 2.2~47μH
Rated current range: 180~950mA.
4 Terminal pins’ type gives a flexible design as inductors or transformers(SEPIC,ZETA circuit).
In addition to the standards versions used as power inductors shown here, custom designs as
transformers(SEPIC,ZETA circuit) and inductors are also available.
Feature
Magnetically unshielded construction.
Ideally used in portable devices such as Mobilephone,DSC/DVC,MP3,PDA, etc as DC-DC
Converter inductors, specially suitable for White LED drive.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Schematics(Bottom)
“S”
is winding start.
4.1 ±0.3
1.2 Max.
3.7±0.3
2.9 ±0.5
3.5
3.2
0. 8
(1)
(4)
(2)
(3)


Similar Part No. - CMD4D11NP-330M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD4D11 SUMIDA-CMD4D11 Datasheet
179Kb / 2P
   POWER INDUCTORS
logo
Diodes Incorporated
CMD4D11-100MC DIODES-CMD4D11-100MC Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
CMD4D11-100MC DIODES-CMD4D11-100MC Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
More results

Similar Description - CMD4D11NP-330M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
   Power Transformers
logo
List of Unclassifed Man...
N-9MG ETC2-N-9MG Datasheet
153Kb / 2P
   Power Transformers
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
   Power Transformers
logo
List of Unclassifed Man...
P-8672 ETC2-P-8672 Datasheet
300Kb / 1P
   POWER TRANSFORMERS
logo
TRIAD MAGNETICS
F-55X TRIAD-F-55X Datasheet
241Kb / 3P
   Power Transformers
logo
Sumida Corporation
CMD5D13 SUMIDA-CMD5D13_07 Datasheet
134Kb / 2P
   Power Transformers
CMD4D13 SUMIDA-CMD4D13 Datasheet
122Kb / 2P
   Power Transformers
logo
Pulse A Technitrol Comp...
P5000NL PULSE-P5000NL Datasheet
66Kb / 1P
   POWER TRANSFORMERS
logo
Sumida Corporation
CMD4D08 SUMIDA-CMD4D08_07 Datasheet
122Kb / 2P
   Power Transformers
logo
List of Unclassifed Man...
N-68X ETC2-N-68X Datasheet
206Kb / 2P
   Power Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com