Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMD8NNP-821K Datasheet(PDF) 1 Page - Sumida Corporation

Part # CMD8NNP-821K
Description  General Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD8NNP-821K Datasheet(HTML) 1 Page - Sumida Corporation

  CMD8NNP-821K Datasheet HTML 1Page - Sumida Corporation CMD8NNP-821K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Power Transformer <SMD Type: CMD Series>
Type: CMD-8N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/
2
2.0
10
Product Description
8.7×8.5mm Max.(L×W), 7.5mm Max. Height.
Inductance range: 22μH~1.0mH
Rated current range: 0.28A~2.0A.
8 Terminal pins’ type gives a flexible design as inductors or transformers.
Custom design is available.
Feature
Magnetically unshielded construction.
Max. Operating frequency 500kHz, Max Operating Power 2.7W (500kHz)
Ideally used in DSC/DVC,PDA, Power supply module etc as DC-DC Converter transformers or
power chokes.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Specification (for transformers)
Rated current: The D.C. current at which the inductance decreases to 75% of it’s initial
value or when △t=40℃, whichever is lower(Ta=20℃).
Schematics (Bottom)
“ S” is winding start.
Sample No.
Inductance (1,2-3,4)
1kHz/1V
Inductance (5-7)
1kHz/1V
Rated Current
(1,2-3,4)
Rated Current
(5-7)
6310-T036
76µH ± 20%
1.6µH±20%
0.7 A
1.0 A
8.2±0.5
10.8±0.5
9.2±0.5
7.5 MAX.
4
3
2
1
5
6
7
8
S
S
S
S


Similar Part No. - CMD8NNP-821K

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
CMD810C830-875P10A SIPAT-CMD810C830-875P10A Datasheet
449Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
CMD810C830-875P10A SIPAT-CMD810C830-875P10A Datasheet
455Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
CMD810C830/875P10A SIPAT-CMD810C830/875P10A Datasheet
449Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
CMD810C897 SIPAT-CMD810C897 Datasheet
474Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE
CMD810C897-942P24A SIPAT-CMD810C897-942P24A Datasheet
468Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
More results

Similar Description - CMD8NNP-821K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
   General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
   General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
   General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
   General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
   General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
   General Power Transformer
EP2013 SUMIDA-EP2013 Datasheet
56Kb / 1P
   General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
   General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
   General Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com