Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMD-8N Datasheet(PDF) 2 Page - Sumida Corporation

Part No. CMD-8N
Description  General Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CMD-8N Datasheet(HTML) 2 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Power Transformer <SMD Type: CMD Series>
Type: CMD-8N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification (for inductors)
Part Name
Stamp
Inductance
Within]
1
D.C.R.(Ω)
[Max.]
(at 20℃)
Rate Current
(A)※2
S.R.F.
(MHz)
Min.]
CMD8NNP-220K□
220K
22μH±10%
0.15
2.0
15.2
CMD8NNP-270K□
270K
27μH±10%
0.18
1.8
14.9
CMD8NNP-330K□
330K
33μH±10%
0.20
1.6
13.5
CMD8NNP-390K□
390K
39μH±10%
0.22
1.5
12.1
CMD8NNP-470K□
470K
47μH±10%
0.24
1.3
10.8
CMD8NNP-560K□
560K
56μH±10%
0.27
1.2
10.6
CMD8NNP-680K□
680K
68μH±10%
0.30
1.1
9.8
CMD8NNP-820K□
820K
82μH±10%
0.34
1.0
8.2
CMD8NNP-101K□
101K
100μH±10%
0.39
0.90
7.6
CMD8NNP-121K□
121K
120μH±10%
0.43
0.85
6.8
CMD8NNP-151K□
151K
150μH±10%
0.50
0.80
6.5
CMD8NNP-181K□
181K
180μH±10%
0.56
0.75
5.7
CMD8NNP-221K□
221K
220μH±10%
0.78
0.70
5.6
CMD8NNP-271K□
271K
270μH±10%
0.90
0.60
4.8
CMD8NNP-331K□
331K
330μH±10%
1.02
0.55
4.4
CMD8NNP-391K□
391K
390μH±10%
1.32
0.50
3.7
CMD8NNP-471K□
471K
470μH±10%
1.53
0.45
3.4
CMD8NNP-561K□
561K
560μH±10%
1.75
0.40
3.2
CMD8NNP-681K□
681K
680μH±10%
2.28
0.35
3.0
CMD8NNP-821K□
821K
820μH±10%
2.95
0.30
2.6
CMD8NNP-102K□
102K
1.0mH±10%
3.47
0.28
2.4
Description of part name
Schematics (Bottom)
CMD8NNP-220K
“ S” is winding start.
1: Measuring Frequency
22μH ~ 82μH
at 2.52MHz
100μH ~ 1.0mH
at 1kHz
2. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape
4
3
2
1
5
6
7
8
S


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CLQ7D37_06General Power Transformer 1 Sumida Corporation
CLQ52_06General Power Transformer 1 Sumida Corporation
CM-5NGeneral Power Transformer 1 2 Sumida Corporation
CMD-6LNLGeneral Power Transformer 1 2 Sumida Corporation
CEEH135General Power TransformerType: CEEH Series> 1 Sumida Corporation
CEI-120General Power Transformer 1 Sumida Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
EI-16General Power Transformer Type: EI Series> 1 Sumida Corporation
EE1617General Power Transformer 1 Sumida Corporation
EE2225General Power Transformer 1 Sumida Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn