Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT75E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT75E
Description  Dual 2-Bit Bistable Transparent Latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT75E Datasheet(HTML) 5 Page - Texas Instruments

  CD74HCT75E Datasheet HTML 1Page - Texas Instruments CD74HCT75E Datasheet HTML 2Page - Texas Instruments CD74HCT75E Datasheet HTML 3Page - Texas Instruments CD74HCT75E Datasheet HTML 4Page - Texas Instruments CD74HCT75E Datasheet HTML 5Page - Texas Instruments CD74HCT75E Datasheet HTML 6Page - Texas Instruments CD74HCT75E Datasheet HTML 7Page - Texas Instruments CD74HCT75E Datasheet HTML 8Page - Texas Instruments CD74HCT75E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Hold Time Enable to D
tH
-2
3
-
-
3
-
3
-
ns
4.5
3
-
-
3
-
3
-
ns
6
3
-
-
3-3-
ns
HCT TYPES
Pulse Width Enable Input
tW
-
4.5
16
-
-
20
-
24
-
ns
Setup Time D to Enable
tSU
-
4.5
12
-
-
15
-
18
-
ns
Hold Time Enable to D
tH
-
4.5
3
-
-
3
-
3
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
Data to Q
tPLH, tPHL CL = 50pF
2
-
-
110
-
140
-
165
ns
CL = 50pF
4.5
-
-
22
-
28
-
33
ns
CL = 15pF
5
-
9
-
----
ns
CL = 50pF
6
-
-
19
-
24
-
28
ns
Propagation Delay,
Data to Q
tPLH, tPHL CL = 50pF
2
-
-
130
-
165
-
195
ns
CL = 50pF
4.5
-
-
26
-
33
-
39
ns
CL = 15pF
5
-
10
-
----
ns
CL = 50pF
6
-
-
22
-
28
-
33
ns
Propagation Delay,
Enable to Q
tPLH, tPHL CL = 50pF
2
-
-
130
-
165
-
195
ns
CL = 50pF
4.5
-
-
26
-
33
-
39
ns
CL = 15pF
5
-
10
-
----
ns
CL = 50pF
6
-
-
22
-
28
-
33
ns
Propagation Delay,
Enable to Q
tPLH, tPHL CL = 50pF
2
-
-
130
-
165
-
195
ns
CL = 50pF
4.5
-
-
26
-
33
-
39
ns
CL = 15pF
5
-
11
-
----
ns
CL = 50pF
6
-
-
22
-
28
-
33
ns
Output Transition Time
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
CL = 50pF
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
5
-
46
-
----
pF
HCT TYPES
Propagation Delay,
Data to Q
tPLH, tPHL CL = 50pF
4.5
-
-
28
-
35
-
42
ns
CL = 15pF
5
-
11
-
----
ns
Propagation Delay,
Data to Q
tPLH, tPHL CL = 50pF
4.5
-
-
28
-
35
-
42
ns
CL = 15pF
5
-
11
-
----
ns
Propagation Delay,
Enable to Q
tPLH, tPHL CL = 50pF
4.5
-
-
28
-
35
-
42
ns
CL = 15pF
5
11
-
----
ns
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC75, CD74HC75, CD54HCT75, CD74HCT75


Similar Part No. - CD74HCT75E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT75E TI-CD74HCT75E Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HCT75E TI-CD74HCT75E Datasheet
430Kb / 19P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HCT75EE4 TI-CD74HCT75EE4 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HCT75EE4 TI-CD74HCT75EE4 Datasheet
430Kb / 19P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
More results

Similar Description - CD74HCT75E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
logo
Intersil Corporation
HCTS75MS INTERSIL-HCTS75MS Datasheet
136Kb / 9P
   Radiation Hardened Dual 2-Bit Bistable Transparent Latch
September 1995
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
   4-bit Bistable Latch
logo
IK Semicon Co., Ltd
IN74HC75A IKSEMICON-IN74HC75A Datasheet
218Kb / 6P
   Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC75A INTEGRAL-IN74HC75A Datasheet
214Kb / 6P
   Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC75 SLS-SL74HC75 Datasheet
45Kb / 5P
   Dual 2-Bit Transparent Latch(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com