Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYC20-600 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BYC20-600
Description  Rectifier diode, hyperfast
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC20-600 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BYC20-600 Datasheet HTML 2Page - NXP Semiconductors BYC20-600 Datasheet HTML 3Page - NXP Semiconductors BYC20-600 Datasheet HTML 4Page - NXP Semiconductors BYC20-600 Datasheet HTML 5Page - NXP Semiconductors BYC20-600 Datasheet HTML 6Page - NXP Semiconductors BYC20-600 Datasheet HTML 7Page - NXP Semiconductors BYC20-600 Datasheet HTML 8Page - NXP Semiconductors BYC20-600 Datasheet HTML 9Page - NXP Semiconductors BYC20-600 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BYC20-600_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 28 November 2007
7 of 10
NXP Semiconductors
BYC20-600
Rectifier diode, hyperfast
7.
Package outline
Fig 7.
Package outline SOD59 (2-lead TO-220AC)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD59
99-09-13
05-10-25
2-lead TO-220AC
D
D1
q
P
L
12
L1
b1
e
Q
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 2-lead TO-220AC
SOD59
UNIT
A1
b1
D1
e
P
mm
5.08
qQ
DIMENSIONS (mm are the original dimensions)
A
b
D
c
L2
(1)
3.0
3.8
3.6
15.0
13.5
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
15.8
15.2
0.9
0.7
1.3
1.0
4.5
4.1
1.39
1.27
6.4
5.9
10.3
9.7
L1
E
L
A
E
A1
c
L2
(1)
Note
1. Terminals in this zone are uncontrolled.


Similar Part No. - BYC20-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC20-600 NXP-BYC20-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
logo
Unisonic Technologies
BYC20-600 UTC-BYC20-600 Datasheet
145Kb / 3P
   RECTIFIER DIODE, HYPERFAST
logo
WeEn Semiconductors
BYC20-600 WEEN-BYC20-600 Datasheet
908Kb / 9P
   Rectifier diode, hyperfast
logo
NXP Semiconductors
BYC20-600 PHILIPS-BYC20-600_15 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
More results

Similar Description - BYC20-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC5X-600 PHILIPS-BYC5X-600_15 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
BYC15X-600 PHILIPS-BYC15X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 PHILIPS-BYC20-600_15 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC20X-600 PHILIPS-BYC20X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC15-600 NXP-BYC15-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 NXP-BYC20-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC10X-600.127 NXP-BYC10X-600.127 Datasheet
75Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
BYC20X-600 NXP-BYC20X-600 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC10X-600 PHILIPS-BYC10X-600_15 Datasheet
75Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
logo
Unisonic Technologies
BYC15 UTC-BYC15 Datasheet
171Kb / 3P
   RECTIFIER DIODE, HYPERFAST
logo
NXP Semiconductors
BYC5X-600 NXP-BYC5X-600 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com