Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM400HA-24S Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RM400HA-24S
Description  HIGH SPEED SWITCHING USE INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM400HA-24S Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RM400HA-24S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM400HA-24S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM400HA-24S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feb.1999
MITSUBISHI FAST RECOVERY DIODE MODULES
RM400HA-20S,-24S
HIGH SPEED SWITCHING USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
Free wheel use, Welders
RM400HA-20S,-24S
• IDC
DC current ................................ 400A
• VRRM
Repetitive peak reverse voltage
........ 1000/1200V
• trr
Reverse recovery time ............. 0.4
µs
• Insulated Type
• UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
108MAX.
93±0.3
16
E
C
BX
B
29
4-
φ6.5
A
( E )
K
( C )
2–M6
LABEL


Similar Part No. - RM400HA-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RM400HA-24S POWEREX-RM400HA-24S Datasheet
70Kb / 4P
   Super Fast Recovery Single Diode Module (400 Amperes/1200 Volts)
More results

Similar Description - RM400HA-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM50HA-XXF MITSUBISHI-RM50HA-XXF Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM100CA-XXF MITSUBISHI-RM100CA-XXF Datasheet
48Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM20HA-XXF MITSUBISHI-RM20HA-XXF Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM400HV-34S MITSUBISHI-RM400HV-34S Datasheet
69Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM20DA-XXF MITSUBISHI-RM20DA-XXF Datasheet
49Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM300HA-24F MITSUBISHI-RM300HA-24F Datasheet
46Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM200DA-20F MITSUBISHI-RM200DA-20F Datasheet
50Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM100HA-XXF MITSUBISHI-RM100HA-XXF Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM50DA-XXF MITSUBISHI-RM50DA-XXF Datasheet
48Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM200HA-20F MITSUBISHI-RM200HA-20F Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com