Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CEP79 Datasheet(PDF) 1 Page - Sumida Corporation

Part No. CEP79
Description  ADSL Transformer< SMD Type: CEP Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP79 Datasheet(HTML) 1 Page - Sumida Corporation

  CEP79 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP79
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
・9.8×9.7mm Max.(L×W),10.0mm Max. Height.
◆ Feature
・xDSL line transformer.
・Ideally used in xDSL Central Office.
・RoHS Compliance.
Dimensions (mm)
◆ Land Pattern (mm)
◆Schematics(Bottom)
◆ Specification
Part Name
Primary OCL
Turns ratio (Pri:Sec)
THD (dB) (TYP.)
Insulation level
Application
J10200
1090μH±8%
0.9:1
80.4(25k, 2.0V)
Basic
ADSL CO
C10168B
1400μH±7%
1.33:1
80(30k, 3.3V)
Basic
ADSL CO
Stamp・Date code
2405
Adhesive
10.0 MAX.
9.2±0.5
7.6
White point indicates #PI
11.0 MAX.
5
8
4
1
4
5
1
8
7.2
9.8


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CEP1311 ADSL Transformer< SMD Type: CEP Series> 1  2  Sumida Corporation
CEP78B ADSL Transformer< SMD Type: CEP Series> 1  2  Sumida Corporation
CEEH135 General Power Transformer Type: CEEH Series> 1  Sumida Corporation
CLP236 LAN Transformer< SMD Type: CLP Series> 1  2  Sumida Corporation
CBM33 Balun coil< SMD Type: CBM Series> 1  2  Sumida Corporation
CP-4L2 IFT Coils < SMD Type: CP Series> 1  Sumida Corporation
CEP12D38_06 POWER INDUCTORS Type: CEP Series> 1  2  Sumida Corporation
CLS8D28 2 in 1 Power Transformer < SMD Type: CLS Series> 1  Sumida Corporation
CAS16D14 Transponder RX antenna< SMD Type: CAS Series> 1  Sumida Corporation
CS-4 RF COILS < SMD Type: CS-4 Series> 1  2  Sumida Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn