Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9238BCPZ-40 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9238BCPZ-40
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9238BCPZ-40 Datasheet(HTML) 4 Page - Analog Devices

  AD9238BCPZ-40 Datasheet HTML 1Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 2Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 3Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 4Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 5Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 6Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 7Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 8Page - Analog Devices AD9238BCPZ-40 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD9238
Rev. B | Page 4 of 48
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 1.
Test
AD9238BST/BCP-20
AD9238BST/BCP-40
AD9238BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
VI
12
12
12
Bits
ACCURACY
No Missing Codes Guaranteed
Full
VI
12
12
12
Bits
Offset Error
Full
VI
±0.30
±1.2
±0.50
±1.1
±0.50
±1.1
% FSR
Gain Error1
Full
IV
±0.30
±2.2
±0.50
±2.4
±0.50
±2.5
% FSR
Differential Nonlinearity (DNL)2
Full
V
±0.35
±0.35
±0.35
LSB
25°C
I
±0.35
±0.9
±0.35
±0.8
±0.35
±1.0
LSB
Integral Nonlinearity (INL)2
Full
V
±0.45
±0.60
±0.70
LSB
25°C
I
±0.40
±1.4
±0.50
±1.4
±0.55
±1.75
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±4
±4
±6
µV/°C
Gain Error
Full
V
±12
±12
±12
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
VI
±5
±35
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.8
0.8
0.8
mV
Output Voltage Error (0.5 V Mode)
Full
V
±2.5
±2.5
±2.5
mV
Load Regulation @ 0.5 mA
Full
V
0.1
0.1
0.1
mV
INPUT REFERRED NOISE
Input Span = 1 V
25°C
V
0.54
0.54
0.54
LSBrms
Input Span = 2.0 V
25°C
V
0.27
0.27
0.27
LSBrms
ANALOG INPUT
Input Span = 1.0 V
Full
IV
1
1
1
V p-p
Input Span = 2.0 V
Full
IV
2
2
2
V p-p
Input Capacitance3
Full
V
7
7
7
pF
REFERENCE INPUT RESISTANCE
Full
V
7
7
7
kΩ
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
Full
IV
2.25
3.0
3.6
2.25
3.0
3.6
2.25
3.0
3.6
V
Supply Current
IAVDD2
Full
V
60
110
200
mA
IDRVDD2
Full
V
4
10
14
mA
PSRR
Full
V
±0.01
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input4
Full
V
180
330
600
mW
Sine Wave Input2
Full
VI
190
212
360
397
640
698
mW
Standby Power5
Full
V
2.0
2.0
2.0
mW
MATCHING CHARACTERISTICS
Offset Error
25°C
V
±0.1
±0.1
±0.1
% FSR
Gain Error
25°C
V
±0.05
±0.05
±0.05
% FSR
1 Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.0 V external reference).
2 Measured at maximum clock rate with a low frequency sine wave input and approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AVSS. Refer to Figure
for the equivalent analog input structure.
28
4 Measured with dc input at maximum clock rate.
5 Standby power is measured with the CLK_A and CLK_B pins inactive (that is, set to AVDD or AGND).


Similar Part No. - AD9238BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238BCPZ-40 AD-AD9238BCPZ-40 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Similar Description - AD9238BCPZ-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com