Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEEH1011 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEEH1011
Description  xDSL POTs Splitter< SMD Type: CEEH Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEEH1011 Datasheet(HTML) 1 Page - Sumida Corporation

  CEEH1011 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
xDSL POTs Splitter< SMD Type: CEEH Series>
Type: CEEH1011
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
2
S
S
3
4
1
Product Description
12.0×10.8mm Max.(L×W),12.0mm Max. Height.
Feature
Small foot print for Central Office applications.
For use with Legerity’s Integrated Voice and Data(IVD) solution.
Customized inductance values are available.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)
Schematics(Bottom)
Specification
Inductance (mH)
Part
Name
20kHz
0.1Vac,0Adc
20kHz
0.1Vac,0.12Adc
20kHz
0.1Vac,0.23Adc
20kHz
0.1Vac,0.46Adc
LL
100kHz,
0.1Vac
THD
50kHz,
12.3Vrms
LB
200Hz-3200
Hz
D.C.R.(Ω)
Pri/Sec
C15108
3.42~4.18
3.4 MIN.
----
1.0 MIN.
11.0
μH MAX.
-85dB MAX.
65dB MIN.
18.5/18.5
C15100
8.74~10.34
8.46 MIN.
4.0 MIN.
----
25.0
μH MAX.
-85dB MAX.
65dB MIN.
26.0/26.0
C15128
28.0
±10%
22.0 MIN.
7.3 MIN.
----
25.0
μH MAX.
-85dB MAX.
65dB MIN.
26.0/26.0
12.00 MAX.
4×1.00
8.40±0.20
12.00 MAX.
3
4
1
2
C15108
sumida
CH
1
2
3
4
SUPPLIER NAME
SUPPLIER P/N
COUNTRY OF ORIGIN
DATE CODE
4×2.74
8.40±0.20
4×1.40
“S” is the winding start.


Similar Part No. - CEEH1011

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEEH126 SUMIDA-CEEH126 Datasheet
91Kb / 1P
   DC-DC CONVERTER?늆MD?
CEEH1310 SUMIDA-CEEH1310 Datasheet
145Kb / 2P
   Current Sense Transformer
CEEH1310C SUMIDA-CEEH1310C Datasheet
187Kb / 1P
   Current Transformer
CEEH1310CNP-100 SUMIDA-CEEH1310CNP-100 Datasheet
187Kb / 1P
   Current Transformer
CEEH1310CNP-200 SUMIDA-CEEH1310CNP-200 Datasheet
187Kb / 1P
   Current Transformer
More results

Similar Description - CEEH1011

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CRM6 SUMIDA-CRM6 Datasheet
168Kb / 1P
   xDSL POTs Splitter< SMD Type: CRM Series>
RM4 SUMIDA-RM4 Datasheet
44Kb / 1P
   xDSL POTs Splitter
EEH1617 SUMIDA-EEH1617 Datasheet
152Kb / 1P
   xDSL POTs Splitter< Pin Type: EEH Series>
T15101 SUMIDA-T15101 Datasheet
203Kb / 1P
   xDSL POTs Splitter< Pin Type: RM Series>
EEH1313 SUMIDA-EEH1313 Datasheet
146Kb / 1P
   xDSL POTs Splitter< Pin Type: EEH Series>
logo
Pulse A Technitrol Comp...
CP-404TJ45 PULSE-CP-404TJ45 Datasheet
308Kb / 2P
   xDSL over POTS & ISDN CPE Splitter
logo
Sumida Corporation
CEEH158 SUMIDA-CEEH158 Datasheet
236Kb / 1P
   Transformer
logo
XFMRS Inc.
XF0043-AD7S XFMRS-XF0043-AD7S Datasheet
41Kb / 1P
   Pots Splitter,EP13,SMD GW
logo
Sumida Corporation
CEEH157 SUMIDA-CEEH157 Datasheet
138Kb / 1P
   Transformer
logo
XFMRS Inc.
XF1313-34HDS XFMRS-XF1313-34HDS Datasheet
44Kb / 1P
   POTS SPLITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com