Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CEEH135 Datasheet(PDF) 1 Page - Sumida Corporation

Part No. CEEH135
Description  General Power Transformer Type: CEEH Series>
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CEEH135 Datasheet(HTML) 1 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer<SMD Type: CEEH Series>
Type: CEEH135
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
13.9×12.7mm Max.(L×W), 6.0mm Max. Height.
In addition to the typical versions of parameters shown here,
custom parameters are available to meet your exact requirements.
Feature
Max. Operating frequency 500kHz.
Ideally used in Portable equipment.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Land Pattern (mm)
“S”
indicates winding start.
Specification
Sample No.
Inductance(2-1)
(1kHz/1.0V)
Hi-pot
(1,2,3,4-7,8)
@50/60Hz
Isolation Resistance
(1,2,3,4-7,8)
@DC 500V
1351–T002
4.9mH±35% within
AC500Vrms/1min.
100MΩ Min.
12.3±0.4
14.0±0.4
0.1
1
4
5.6±0.4
-0.1
+0
12.3
8
5
10.8
1
2
3
4
8
7
6
5
S
S
S
NB
N1
N2


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CEEH96General Power TransformerType: CEEH Series> 1 2 Sumida Corporation
CER95General Power TransformerType: CER Series> 1 Sumida Corporation
LC104General Power Transformer Type: LC Series> 1 Sumida Corporation
CEEH55Current Sense TransformerType: CEEH Series> 1 Sumida Corporation
CEEH64Strobe Light TransformerType: CEEH Series> 1 Sumida Corporation
CEE93General Power TransformerType:CEE Series> 1 Sumida Corporation
CEE128General Power TransformerType:CEE Series> 1 Sumida Corporation
CEE-98General Power & PoE TransformerType: CEE series > 1 2 Sumida Corporation
EI-16General Power Transformer Type: EI Series> 1 Sumida Corporation
CEEH54Strobe Light TransformerType: CEEH Series > 1 Sumida Corporation
CEEH96General Power TransformerType: CEEH Series> 1 2 Sumida Corporation
CER95General Power TransformerType: CER Series> 1 Sumida Corporation
LC104General Power Transformer Type: LC Series> 1 Sumida Corporation
CEEH55Current Sense TransformerType: CEEH Series> 1 Sumida Corporation
CEEH64Strobe Light TransformerType: CEEH Series> 1 Sumida Corporation
CEE93General Power TransformerType:CEE Series> 1 Sumida Corporation
CEE128General Power TransformerType:CEE Series> 1 Sumida Corporation
CEE-98General Power & PoE TransformerType: CEE series > 1 2 Sumida Corporation
EI-16General Power Transformer Type: EI Series> 1 Sumida Corporation
CEEH54Strobe Light TransformerType: CEEH Series > 1 Sumida Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn