Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR105NP-120MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDR105NP-120MC
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR105NP-120MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDR105NP-120MC Datasheet HTML 1Page - Sumida Corporation CDR105NP-120MC Datasheet HTML 2Page - Sumida Corporation CDR105NP-120MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR105,CDR105B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
Product Description
10.4×9.6mm Max.(L×W), 5.5mm Max. Height (CDR105)
10.4×9.4mm Max.(L×W), 5.5mm Max. Height (CDR105B)
Inductance range: 10~470μH
Rated current range: 0.37~2.53A(CDR105) ; 0.33~2.06A(CDR105B).
In addition to the standards versions shown here, custom inductors are also available
to meet your exact requirements.
Feature
Magnetically shielded construction.
Ideally used in Notebook PC ,LCD TV ,Game machine ,HDD,DSC/DVC, etc as DC-DC
Converter inductors.
RoHS Compliance.
Dimensions (mm)
CDR105
CDR105B
Land Pattern (mm)
CDR105
CDR105B
9.2±0.4
5.0±0.5
7.0
7.5
R1.0
PART OF ELECTRODE
PART OF SILK
9.0±0.4
5.0±0.5
9.0
PART OF ELECTRODE
PART OF SILK
9.5
R 1.0


Similar Part No. - CDR105NP-120MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR105NP-120MC SUMIDA-CDR105NP-120MC Datasheet
101Kb / 3P
   POWER INDUCTORS
More results

Similar Description - CDR105NP-120MC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com