Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDR105NP-100MC Datasheet(PDF) 2 Page - Sumida Corporation

Part No. CDR105NP-100MC
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CDR105NP-100MC Datasheet(HTML) 2 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR105,CDR105B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification(CDR105)
Part name
Stamp
Inductance
[within]※1
D.C.R.(Ω)
Max
(at 20℃)
Rated
Current
(A)※2-1
S.R.F
(MHZ)
[typ.]
CDR1Ø5NP-1ØØM□
100M
20%
10μH-15%
0.06
2.53
31
CDR1Ø5NP-12ØM□
120M
20%
12μH-15%
0.06
2.31
27
CDR1Ø5NP-15ØM□
150M
20%
15μH-15%
0.07
2.06
27
CDR1Ø5NP-18ØM□
180M
20%
18μH-15%
0.08
1.89
26
CDR1Ø5NP-22ØM□
220M
20%
22μH-15%
0.09
1.71
21
CDR1Ø5NP-27ØM□
270M
20%
27μH-15%
0.11
1.54
18
CDR1Ø5NP-33ØM□
330M
20%
33μH-15%
0.12
1.39
16
CDR1Ø5NP-39ØM□
390M
20%
39μH-15%
0.16
1.28
15
CDR1Ø5NP-47ØM□
470M
20%
47μH-15%
0.18
1.17
14
CDR1Ø5NP-56ØM□
560M
20%
56μH-15%
0.19
1.07
12
CDR1Ø5NP-68ØM□
680M
20%
68μH-15%
0.22
0.97
11
CDR1Ø5NP-82ØM□
820M
20%
82μH-15%
0.28
0.88
10
CDR1Ø5NP-1Ø1M□
101M
20%
100μH-15%
0.35
0.80
7.0
CDR1Ø5NP-121M□
121M
20%
120μH-15%
0.38
0.73
6.5
CDR1Ø5NP-151M□
151M
20%
150μH-15%
0.45
0.65
5.8
CDR1Ø5NP-181M□
181M
20%
180μH-15%
0.62
0.60
5.3
CDR1Ø5NP-221M□
221M
20%
220μH-15%
0.69
0.54
5.2
CDR1Ø5NP-271M□
271M
20%
270μH-15%
0.78
0.49
4.6
CDR1Ø5NP-331M□
331M
20%
330μH-15%
1.03
0.44
4.2
CDR1Ø5NP-391M□
391M
20%
390μH-15%
1.18
0.41
3.6
CDR1Ø5NP-471M□
471M
20%
470μH-15%
1.60
0.37
3.6


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDRH127BPOWER INDUCTORS 1 2 Sumida Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
C8-HPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
AICT-LPPOWER INDUCTORS 1 Abracon Corporation
ASPI-5612-XXXSMT POWER INDUCTORS 1 Abracon Corporation
LO3316Surface Mount Power Inductors 1 ice Components, Ins.
LS74Surface Mount Power Inductors 1 ice Components, Ins.
CDRH104RPOWER INDUCTORS SMD Type 1 2 3 Sumida Corporation
CDEP134_06POWER INDUCTORS 1 2 3 Sumida Corporation
CDH73_06POWER INDUCTORS 1 2 Sumida Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn