Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR63BNP-470LC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDR63BNP-470LC
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR63BNP-470LC Datasheet(HTML) 1 Page - Sumida Corporation

  CDR63BNP-470LC Datasheet HTML 1Page - Sumida Corporation CDR63BNP-470LC Datasheet HTML 2Page - Sumida Corporation CDR63BNP-470LC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR63,CDR63B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
Product Description
6.5×5.9mm Max.(L×W), 3.6mm Max. Height.(CDR63), 3.5mm Max. Height.(CDR63B)
Inductance range: 10~100μH(CDR63) ; 10~68μH(CDR63B)
Rated current range: 0.3~0.8A(CDR63) ; 0.42~1.0A(CDR63B).
In addition to the standards versions shown here, custom inductors
are also available to meet your exact requirements.
Feature
Magnetically shielded construction.
Ideally used in Notebook PC ,LCD TV ,Game machine ,HDD,DSC/DVC, etc as DC-DC Converter
inductors.
RoHS Compliance.
Dimensions (mm)
CDR63
CDR63B
5.6±0.3
3.2±0.3
4.9
5.6±0.3
3.3±0.3
4.0


Similar Part No. - CDR63BNP-470LC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR63BNP-470LC SUMIDA-CDR63BNP-470LC Datasheet
121Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDR63BNP-470LC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com