Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR74NP-180NC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDR74NP-180NC
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR74NP-180NC Datasheet(HTML) 3 Page - Sumida Corporation

  CDR74NP-180NC Datasheet HTML 1Page - Sumida Corporation CDR74NP-180NC Datasheet HTML 2Page - Sumida Corporation CDR74NP-180NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR74,CDR74B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification(CDR74B)
Part name
Stamp
Inductance
[within]
D.C.R.(Ω)
MAX.
(at 20℃)
Rated
Current
(A) ※1-2
S.R.F.
(MHz)
[TYP.]
Measured
frequency
CDR74BNP-1ØØM□
100
10μH ± 20%
0.07
1.65
26.3
CDR74BNP-12ØM□
120
12μH ± 20%
0.07
1.57
25.1
CDR74BNP-15ØM□
150
15μH ± 20%
0.08
1.39
19.9
CDR74BNP-18ØM□
180
18μH ± 20%
0.10
1.29
19.3
CDR74BNP-22ØM□
220
22μH ± 20%
0.13
1.12
18.4
CDR74BNP-27ØM□
270
27μH ± 20%
0.16
1.06
15.7
CDR74BNP-33ØL□
330
33μH ± 15%
0.18
0.97
15.3
CDR74BNP-39ØL□
390
39μH ± 15%
0.18
0.91
14.0
CDR74BNP-47ØL□
470
47μH ± 15%
0.27
0.80
12.4
CDR74BNP-56ØL□
560
56μH ± 15%
0.29
0.76
11.8
CDR74BNP-68ØL□
680
68μH ± 15%
0.33
0.68
10.0
CDR74BNP-82ØL□
820
82μH ± 15%
0.43
0.62
9.3
at 2.52
MHz
CDR74BNP-1Ø1K□
101
100μH ± 10%
0.49
0.55
8.3
CDR74BNP-121K□
121
120μH ± 10%
0.68
0.49
7.3
CDR74BNP-151K□
151
150μH ± 10%
0.94
0.44
6.4
CDR74BNP-181K□
181
180μH ± 10%
1.00
0.40
5.6
CDR74BNP-221K□
221
220μH ± 10%
1.18
0.36
5.4
CDR74BNP-271K□
271
270μH ± 10%
1.30
0.33
4.6
at 1 kHz
Description of part name
CDR74BNP-1ØØM□
1-1. Rated current: The D.C. current at which the inductance decreases to 80% of it’s nominal value or
when △t=40℃, whichever is lower(Ta=20℃).
1-2. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or
when △t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDR74NP-180NC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CDR74 SILABS-CDR74 Datasheet
671Kb / 38P
   Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
logo
Sumida Corporation
CDR74B SUMIDA-CDR74B Datasheet
434Kb / 4P
   CDR74B
logo
ECM Electronics Limited...
CDR74B ECM-CDR74B Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDR74B AITCOMPONENTS-CDR74B Datasheet
31Kb / 1P
   CDR74B SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDR74B-100 ECM-CDR74B-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDR74NP-180NC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com