Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH10D68 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH10D68
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D68 Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH10D68 Datasheet HTML 1Page - Sumida Corporation CDRH10D68 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDRH10D68/A
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CDRH **/A Series>
Specification
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Rated current
(A)(at 125℃)
1
CDRH1ØD68/ANP-1ØØM□
100
10μH±20%
26.3(21)
3.05
CDRH1ØD68/ANP-12ØM□
120
12μH±20%
28.8(23)
2.80
CDRH1ØD68/ANP-15ØM□
150
15μH±20%
35.0(28)
2.55
CDRH1ØD68/ANP-18ØM□
180
18μH±20%
37.5(30)
2.42
CDRH1ØD68/ANP-22ØM□
220
22μH±20%
51.3(41)
2.05
CDRH1ØD68/ANP-27ØM□
270
27μH±20%
63.8(51)
1.90
CDRH1ØD68/ANP-33ØM□
330
33μH±20%
80.0(64)
1.68
CDRH1ØD68/ANP-39ØM□
390
39μH±20%
100(80)
1.50
CDRH1ØD68/ANP-47ØM□
470
47μH±20%
125(100)
1.32
CDRH1ØD68/ANP-56ØM□
560
56μH±20%
156(125)
1.24
CDRH1ØD68/ANP-68ØM□
680
68μH±20%
191(153)
1.12
CDRH1ØD68/ANP-82ØM□
820
82μH±20%
215(172)
1.03
CDRH1ØD68/ANP-1Ø1M□
101
100μH±20%
250(200)
0.92
CDRH1ØD68/ANP-121M□
121
120μH±20%
273(218)
0.88
CDRH1ØD68/ANP-151M□
151
150μH±20%
359(287)
0.77
CDRH1ØD68/ANP-181M□
181
180μH±20%
463(370)
0.70
CDRH1ØD68/ANP-221M□
221
220μH±20%
590(472)
0.63
CDRH1ØD68/ANP-271M□
271
270μH±20%
674(539)
0.58
CDRH1ØD68/ANP-331M□
331
330μH±20%
740(592)
0.52
CDRH1ØD68/ANP-391M□
391
390μH±20%
986(789)
0.47
CDRH1ØD68/ANP-471M□
471
470μH±20%
1105(884)
0.45
CDRH1ØD68/ANP-561M□
561
560μH±20%
1206(965)
0.40
Description of part name
1 Rated current: The DC current at which the inductance decreases to 65 % of it’s nominal
value or when △t=30℃, whichever is lower (Ta=125℃).
D R H 1 Ø D 6 8 / A N P - 1Ø Ø M □
Box
Carrier Tape


Similar Part No. - CDRH10D68

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D68/A SUMIDA-CDRH10D68/A Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CDRH10D68/ANP-100MC SUMIDA-CDRH10D68/ANP-100MC Datasheet
198Kb / 5P
   Ferrite drum core construction
CDRH10D68/ANP-101MC SUMIDA-CDRH10D68/ANP-101MC Datasheet
198Kb / 5P
   Ferrite drum core construction
CDRH10D68/ANP-120MC SUMIDA-CDRH10D68/ANP-120MC Datasheet
198Kb / 5P
   Ferrite drum core construction
CDRH10D68/ANP-121MC SUMIDA-CDRH10D68/ANP-121MC Datasheet
198Kb / 5P
   Ferrite drum core construction
More results

Similar Description - CDRH10D68

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com