Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR63NP-560LC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDR63NP-560LC
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR63NP-560LC Datasheet(HTML) 3 Page - Sumida Corporation

  CDR63NP-560LC Datasheet HTML 1Page - Sumida Corporation CDR63NP-560LC Datasheet HTML 2Page - Sumida Corporation CDR63NP-560LC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR63,CDR63B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification(CDR63B)
Part Name
Stamp
Inductance
[Within]
(at 2.52 MHz)
D.C.R.(Ω)
[Max.]
(at 20℃)
Rated
Current(A)
2-2
S.R.F.
(MHz)
[Typ.]
CDR63BNP-1ØØM□
A
10μH ± 20%
0.14
1.00
35.3
CDR63BNP-12ØM□
B
12μH ± 20%
0.16
0.94
32.2
CDR63BNP-15ØM□
C
15μH ± 20%
0.18
0.86
29.3
CDR63BNP-18ØM□
D
18μH ± 20%
0.25
0.78
26.7
CDR63BNP-22ØM□
E
22μH ± 20%
0.32
0.76
23.1
CDR63BNP-27ØM□
F
27μH ± 20%
0.36
0.64
20.8
CDR63BNP-33ØL□
G
33μH ± 15%
0.41
0.61
18.2
CDR63BNP-39ØL□
H
39μH ± 15%
0.47
0.53
17.0
CDR63BNP-47ØL□
J
47μH ± 15%
0.51
0.50
15.3
CDR63BNP-56ØL□
K
56μH ± 15%
0.72
0.46
14.1
CDR63BNP-68ØL□
L
68μH ± 15%
0.82
0.42
12.1
Description of part name
CDR63BNP-1ØØM□
2-1. Rated current: The D.C. current at which the inductance decreases to 80% of it’s nominal value or
when △t=40℃, whichever is lower(Ta=20℃).
2-2. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or
when △t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDR63NP-560LC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR63B SUMIDA-CDR63B Datasheet
177Kb / 4P
   CDR63B
logo
ECM Electronics Limited...
CDR63B ECM-CDR63B Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDR63B AITCOMPONENTS-CDR63B Datasheet
31Kb / 1P
   CDR63B SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDR63B-100 ECM-CDR63B-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDR63B-100 AITCOMPONENTS-CDR63B-100 Datasheet
31Kb / 1P
   CDR63B SMD POWER INDUCTOR
More results

Similar Description - CDR63NP-560LC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com