Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH26D09NP-4R7P Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH26D09NP-4R7P
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH26D09NP-4R7P Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH26D09NP-4R7P Datasheet HTML 1Page - Sumida Corporation CDRH26D09NP-4R7P Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDRH26D09
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Power Inductors <SMD Type: CDRH Series>
Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at 105℃)
Temperature
Rise Current
(A)※2
CDRH26D09NP-1R2P□
A
1.2±25%
105(83.8)
1.32
1.08
1.45
CDRH26D09NP-1R5P□
B
1.5±25%
118(94.0)
1.21
1.00
1.30
CDRH26D09NP-2R2P□
C
2.2±25%
154(123)
1.05
0.88
1.00
CDRH26D09NP-3R3P□
D
3.3±25%
238(190)
0.80
0.67
0.85
CDRH26D09NP-4R7P□
E
4.7±25%
286(229)
0.66
0.56
0.72
CDRH26D09NP-6R8P□
F
6.8±25%
453(362)
0.55
0.45
0.58
CDRH26D09NP-8R2P□
G
8.2±25%
483(386)
0.50
0.42
0.54
CDRH26D09NP-100P□
H
10±25%
675(540)
0.47
0.40
0.45
Description of part name
CDRH26D09NP-1R2P□
1.Saturation current: The DC current at which the inductance decreases to 70% of its nominal value.
(Ta=20℃)
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDRH26D09NP-4R7P

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH26D09NP-4R7PC SUMIDA-CDRH26D09NP-4R7PC Datasheet
134Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDRH26D09NP-4R7P

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com