Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C310-ECG Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS80C310-ECG
Description  High-Speed Micro
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310-ECG Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS80C310-ECG Datasheet HTML 6Page - Dallas Semiconductor DS80C310-ECG Datasheet HTML 7Page - Dallas Semiconductor DS80C310-ECG Datasheet HTML 8Page - Dallas Semiconductor DS80C310-ECG Datasheet HTML 9Page - Dallas Semiconductor DS80C310-ECG Datasheet HTML 10Page - Dallas Semiconductor DS80C310-ECG Datasheet HTML 11Page - Dallas Semiconductor DS80C310-ECG Datasheet HTML 12Page - Dallas Semiconductor DS80C310-ECG Datasheet HTML 13Page - Dallas Semiconductor DS80C310-ECG Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DS80C310
031296 10/21
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; VCC=4.0V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.0
5.0
5.5
V
1
Supply Current Active Mode
@ 33 MHz
ICC
30
mA
2
Supply Current Idle Mode
@ 33 MHz
IIDLE
15
mA
3
Supply Current Stop Mode
ISTOP
1
µA
4
Input Low Level
VIL
–0.3
+0.8
V
1
Input High Level
VIH
2.0
VCC+0.3
V
1
Input High Level XTAL1 and RST
VIH2
3.5
VCC+0.3
V
1
Output Low Voltage Ports 1, 3
@ IOL=1.6 mA
VOL1
0.15
0.45
V
1
Output Low Voltage Port 0, 2,
ALE, PSEN @ IOL=3.2 mA
VOL2
0.15
0.45
V
1, 5
Output High Voltage Ports 1, 3,
ALE and PSEN @ IOH= –50 µA
VOH1
2.4
V
1, 6
Output High Voltage
@ IOH=–1.5 mA Ports 1, 3
VOH2
2.4
V
1, 7
Output High Voltage Ports 0, 2,
ALE, PSEN @ IOH= –8 mA
VOH3
2.4
V
1, 5
Input Low Current Ports 1, 3
@ 0.45V
IIL
–55
µA
Transition Current from 1 to 0
Ports 1, 3 @ 2V
ITL
–650
µA
8
Input Leakage Port 0, Bus Mode
IL
–300
300
µA
9
RST Pull–Down Resistance
RRST
50
170
K
NOTES FOR DC ELECTRICAL CHARACTERISTICS:
All parameters apply to both commercial and industrial temperature operation unless otherwise noted.
1. All voltages are referenced to ground.
2. Active current is measured with a 33 MHz clock source driving XTAL1, VCC=RST=5.5V, all other pins discon-
nected.
3. Idle mode current is measured with a 33 MHz clock source driving XTAL1, VCC=5.5V, RST at ground, all
other pins disconnected.


Similar Part No. - DS80C310-ECG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
1Mb / 23P
   High-Speed Micro
logo
Maxim Integrated Produc...
DS80C310-ECG MAXIM-DS80C310-ECG Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
DS80C310-ECG++ MAXIM-DS80C310-ECG+ Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
More results

Similar Description - DS80C310-ECG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
   High-Speed Micro
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
DS80C320 DALLAS-DS80C320 Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
logo
Texas Instruments
ADS7816EB TI1-ADS7816EB Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
logo
List of Unclassifed Man...
LSD2 ETC2-LSD2 Datasheet
78Kb / 2P
   MICRO-SECOND FLASH TUBE FOR HIGH-SPEED PHOTOGRAPHY
logo
SINOWEALTH Electronic L...
SH68F83 SINOWEALTH-SH68F83 Datasheet
870Kb / 58P
   Low Speed USB Micro-controller
V2.0
logo
Megawin Technology Co.,...
MG84FL54B MEGAWIN-MG84FL54B Datasheet
890Kb / 94P
   Full-Speed USB micro-controller
logo
SINOWEALTH Electronic L...
XA2001 SINOWEALTH-XA2001 Datasheet
523Kb / 56P
   Low Speed USB Micro-controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com