Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C310-MCG Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS80C310-MCG
Description  High-Speed Micro
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310-MCG Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS80C310-MCG Datasheet HTML 2Page - Dallas Semiconductor DS80C310-MCG Datasheet HTML 3Page - Dallas Semiconductor DS80C310-MCG Datasheet HTML 4Page - Dallas Semiconductor DS80C310-MCG Datasheet HTML 5Page - Dallas Semiconductor DS80C310-MCG Datasheet HTML 6Page - Dallas Semiconductor DS80C310-MCG Datasheet HTML 7Page - Dallas Semiconductor DS80C310-MCG Datasheet HTML 8Page - Dallas Semiconductor DS80C310-MCG Datasheet HTML 9Page - Dallas Semiconductor DS80C310-MCG Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DS80C310
031296 6/21
SPECIAL FUNCTION REGISTERS
Special Function Registers (SFRs) control most special features of the DS80C310. The High–Speed Microcontroller
User’s Guide describes all SFRs. Functions that are not part of the standard 80C32 are in bold.
SPECIAL FUNCTION REGISTERS Table 2
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADDRESS
SP
81h
DPL
82h
DPH
83h
DPL1
84h
DPH1
85h
DPS
0
0
0
0
0
0
0
SEL
86h
PCON
SMOD
SMOD0
GF1
GF0
STOP
IDLE
87h
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
88h
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
89h
TL0
8Ah
TL1
8Bh
TH0
8Ch
TH1
8Dh
CKCON
T2M
T1M
T0M
MD2
MD1
MD0
8Eh
P1
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
90h
EXIF
IE5
IE4
IE3
IE2
91h
SCON
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
98h
SBUF
99h
P2
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
A0h
IE
EA
ET2
ES0
ET1
EX1
ET0
EX0
A8h
SADDR0
A9h
P3
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
B0h
IP
PT2
PS0
PT1
PX1
PT0
PX0
B8h
SADEN0
B9h
STATUS
0
HIP
LIP
1
1
1
1
1
C5h
T2CON
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
C8h
T2MOD
T2OE
DCEN
C9h
RCAP2L
CAh
RCAP2H
CBh
TL2
CCh
TH2
CDh
PSW
CY
AC
F0
RS1
RS0
OV
FL
P
D0h
WDCON
POR
D8h
ACC
E0h
EIE
EX5
EX4
EX3
EX2
E8h
B
F0h
EIP
PX5
PX4
PX3
PX2
F8h


Similar Part No. - DS80C310-MCG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310-MCG DALLAS-DS80C310-MCG Datasheet
1Mb / 23P
   High-Speed Micro
logo
Maxim Integrated Produc...
DS80C310-MCG MAXIM-DS80C310-MCG Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
DS80C310-MCG++ MAXIM-DS80C310-MCG+ Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
More results

Similar Description - DS80C310-MCG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
   High-Speed Micro
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
DS80C320 DALLAS-DS80C320 Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
logo
Texas Instruments
ADS7816EB TI1-ADS7816EB Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
logo
List of Unclassifed Man...
LSD2 ETC2-LSD2 Datasheet
78Kb / 2P
   MICRO-SECOND FLASH TUBE FOR HIGH-SPEED PHOTOGRAPHY
logo
SINOWEALTH Electronic L...
SH68F83 SINOWEALTH-SH68F83 Datasheet
870Kb / 58P
   Low Speed USB Micro-controller
V2.0
logo
Megawin Technology Co.,...
MG84FL54B MEGAWIN-MG84FL54B Datasheet
890Kb / 94P
   Full-Speed USB micro-controller
logo
SINOWEALTH Electronic L...
XA2001 SINOWEALTH-XA2001 Datasheet
523Kb / 56P
   Low Speed USB Micro-controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com