Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D29LDNP-2R2P Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH4D29LDNP-2R2P
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D29LDNP-2R2P Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH4D29LDNP-2R2P Datasheet HTML 1Page - Sumida Corporation CDRH4D29LDNP-2R2P Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH4D29/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
µH)
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
( 20℃)
( 20℃)
(105℃)
Temperature
rise current
(A)※2
CDRH4D29LDNP-R80P□
R80
0.80±25%
13.9(11.1)
3.0
2.5
5.4
CDRH4D29LDNP-1R5P□
1R5
1.5±25%
18.0(14.4)
2.4
2
4.5
CDRH4D29LDNP-2R2P□
2R2
2.2±25%
20.1(16.1)
2
1.7
4.1
CDRH4D29LDNP-3R3P□
3R3
3.3±25%
29.5(23.6)
1.6
1.3
3.2
CDRH4D29LDNP-4R7P□
4R7
4.7±25%
35.4(28.3)
1.3
1.1
2.8
CDRH4D29LDNP-5R6P□
5R6
5.6±25%
45.9(36.7)
1.2
1.0
2.4
CDRH4D29LDNP-6R8P□
6R8
6.8±25%
49.3(39.4)
1.15
0.95
2.3
CDRH4D29LDNP-8R2P□
8R2
8.2±25%
53.3(42.6)
1.0
0.85
2.2
CDRH4D29LDNP-100M□
100
10.0±20%
71.6(57.3)
0.9
0.76
1.85
CDRH4D29LDNP-150M□
150
15.0±20%
93.0(74.4)
0.72
0.62
1.7
CDRH4D29LDNP-220M□
220
22.0±20%
122(97.6)
0.65
0.53
1.35
CDRH4D29LDNP-330M□
330
33.0±20%
190(152)
0.52
0.43
1.05
CDRH4D29LDNP-390M□
390
39.0±20%
218(174)
0.46
0.4
1.0
CDRH4D29LDNP-470M□
470
47.0±20%
238(190)
0.41
0.36
0.95
CDRH4D29LDNP-680M□
680
68.0±20%
355(284)
0.36
0.3
0.75
CDRH4D29LDNP-820M□
820
82.0±20%
474(379)
0.32
0.27
0.62
CDRH4D29LDNP-101M□
101
100±20%
523(418)
0.29
0.24
0.58
Description Of Part Name:
CDRH4D29LDNP- R80P□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value.
2.Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDRH4D29LDNP-2R2P

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D29LDNP-2R2PC SUMIDA-CDRH4D29LDNP-2R2PC Datasheet
223Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH4D29LDNP-2R2P

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com