Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D16NP-100M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH4D16NP-100M
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D16NP-100M Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH4D16NP-100M Datasheet HTML 1Page - Sumida Corporation CDRH4D16NP-100M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH4D16
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part No.
Stamp
Inductance
(μH)[Within]
1 00kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current(mA)
1
Temperature
rise current
(mA) ※2
CDRH4D16NP-3RØN□
3R0
3.0±25%
53(43)
1750
2300
CDRH4D16NP-4R7N□
4R7
4.7±25%
75(60)
1400
1650
CDRH4D16NP-6R8N□
6R8
6.8±25%
110(88)
1150
1300
CDRH4D16NP-1ØØM□
100
10±20%
155(125)
950
1050
CDRH4D16NP-15ØM□
150
15±20%
235(190)
770
820
CDRH4D16NP-22ØM□
220
22±20%
330(265)
640
670
CDRH4D16NP-33ØM□
330
33±20%
490(395)
520
530
CDRH4D16NP-47ØM□
470
47±20%
680(550)
440
470
CDRH4D16NP-68ØM□
680
68±20%
980(790)
370
380
CDRH4D16NP-1Ø1M□
101
100±20%
1480(1190)
300
290
Description of Part Name
CDRH4D16NP-3RØN□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDRH4D16NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D16NP-100MB SUMIDA-CDRH4D16NP-100MB Datasheet
116Kb / 2P
   Ideally used in Mobilephone,PDA,MP3,DSC/DVC,etc as DC-DC converter inductors.
CDRH4D16NP-100MC SUMIDA-CDRH4D16NP-100MC Datasheet
116Kb / 2P
   Ideally used in Mobilephone,PDA,MP3,DSC/DVC,etc as DC-DC converter inductors.
More results

Similar Description - CDRH4D16NP-100M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com