Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D28 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH5D28
Description  POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D28 Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH5D28_06 Datasheet HTML 1Page - Sumida Corporation CDRH5D28_06 Datasheet HTML 2Page - Sumida Corporation CDRH5D28_06 Datasheet HTML 3Page - Sumida Corporation CDRH5D28_06 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH5D28 , CDRH5D28R , CDRH5D28R/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/4
Land Pattern (mm)
CDRH5D28
CDRH5D28R, CDRH5D28R/HP
Specification(CDRH5D28)
Part Name
Stamp
Inductance
(μH)
Within]
100kHz/1V
D.C.R. (Ω)
[Max.] (Typ.)
(at 20℃)
Rated
current
(A) ※1-1
CDRH5D28NP-2R5N□
2R5
2.5±30%
18m (13m)
2.60
CDRH5D28NP-3RØN□
3R0
3.0±30%
24m (18m)
2.40
CDRH5D28NP-4R2N□
4R2
4.2±30%
31m (23m)
2.20
CDRH5D28NP-5R3N□
5R3
5.3±30%
38m (28m)
1.90
CDRH5D28NP-6R2N□
6R2
6.2±30%
45m (33m)
1.80
CDRH5D28NP-8R2N□
8R2
8.2±30%
53m (39m)
1.60
CDRH5D28NP-1ØØN□
100
10±30%
65m (48m)
1.30
CDRH5D28NP-12ØN□
120
12±30%
76m (56m)
1.20
CDRH5D28NP-15ØN□
150
15±30%
103m (76m)
1.10
CDRH5D28NP-18ØN□
180
18±30%
110m (82m)
1.00
CDRH5D28NP-22ØN□
220
22±30%
122m (90m)
0.90
CDRH5D28NP-27ØN□
270
27±30%
175m(130m)
0.85
CDRH5D28NP-33ØN□
330
33±30%
189m(140m)
0.75
CDRH5D28NP-39ØN□
390
39±30%
212m(157m)
0.70
CDRH5D28NP-47ØN□
470
47±30%
250m(185m)
0.62
CDRH5D28NP-56ØN□
560
56±30%
305m(226m)
0.58
CDRH5D28NP-68ØN□
680
68±30%
355m(263m)
0.52
CDRH5D28NP-82ØN□
820
82±30%
463m(343m)
0.46
CDRH5D28NP-1Ø1N□
101
100±30%
520m(385m)
0.42
2.15
2.0
2.15
1.0
4.6
1.0


Similar Part No. - CDRH5D28_06

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDRH5D28-100 ECM-CDRH5D28-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH5D28-100 AITCOMPONENTS-CDRH5D28-100 Datasheet
30Kb / 1P
   CDRH6D28 SMD POWER INDUCTOR
logo
Linear Technology
CDRH5D28-100 LINER-CDRH5D28-100 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
ECM Electronics Limited...
CDRH5D28-101 ECM-CDRH5D28-101 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH5D28-101 AITCOMPONENTS-CDRH5D28-101 Datasheet
30Kb / 1P
   CDRH6D28 SMD POWER INDUCTOR
More results

Similar Description - CDRH5D28_06

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com