Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH3D14NP-100N Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH3D14NP-100N
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D14NP-100N Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH3D14NP-100N Datasheet HTML 1Page - Sumida Corporation CDRH3D14NP-100N Datasheet HTML 2Page - Sumida Corporation CDRH3D14NP-100N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH3D14,CDRH3D14/HP,CDRH3D14/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification(CDRH3D14/LD)
Saturation Current
A)※1
Part Name
Stamp
Inductance
[Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at 100℃)
Temperature
Rise current
(A) ※2
CDRH3D14/LDNP-1R2N□
A
1.2μH±25%
38(30)
1.50
1.28
2.70
CDRH3D14/LDNP-1R5N□
B
1.5μH±25%
48(38)
1.35
1.05
2.40
CDRH3D14/LDNP-2RØN□
C
2.0μH±25%
55(44)
1.15
0.95
2.20
CDRH3D14/LDNP-2R5N□
D
2.5μH±25%
68(54)
1.05
0.80
1.90
CDRH3D14/LDNP-3RØN□
E
3.0μH±25%
77(62)
0.95
0.75
1.60
CDRH3D14/LDNP-3R9N□
F
3.9μH±25%
96(77)
0.80
0.65
1.50
CDRH3D14/LDNP-4R5N□
G
4.5μH±25%
105(84)
0.75
0.60
1.45
CDRH3D14/LDNP-5R6N□
H
5.6μH±25%
159(127)
0.70
0.55
1.10
CDRH3D14/LDNP-6R8N□
I
6.8μH±25%
173(138)
0.60
0.50
1.05
CDRH3D14/LDNP-1ØØN□
K
10μH±25%
220(176)
0.50
0.38
1.00
CDRH3D14/LDNP-12ØN□
L
12μH±25%
270(216)
0.45
0.35
0.80
CDRH3D14/LDNP-15ØN□
M
15μH±25%
302(242)
0.40
0.30
0.75
CDRH3D14/LDNP-22ØN□
O
22μH±25%
447(358)
0.35
0.27
0.60
CDRH3D14/LDNP-33ØN□
Q
33μH±25%
848(679)
0.30
0.25
0.40
CDRH3D14/LDNP-47ØN□
R
47μH±25%
1078(863)
0.25
0.20
0.35
Description of part name
CDRH3D14/LDNP-1R2N□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDRH3D14NP-100N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D14NP-100NC SUMIDA-CDRH3D14NP-100NC Datasheet
216Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH3D14NP-100N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com