Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU208A Datasheet(PDF) 2 Page - STMicroelectronics

Part # BU208A
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU208A Datasheet(HTML) 2 Page - STMicroelectronics

  BU208A Datasheet HTML 1Page - STMicroelectronics BU208A Datasheet HTML 2Page - STMicroelectronics BU208A Datasheet HTML 3Page - STMicroelectronics BU208A Datasheet HTML 4Page - STMicroelectronics BU208A Datasheet HTML 5Page - STMicroelectronics BU208A Datasheet HTML 6Page - STMicroelectronics BU208A Datasheet HTML 7Page - STMicroelectronics BU208A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
T O-3
TO -218
ISO WATT218
Rthj-ca se
Thermal Resistance Junction-case
Max
1
1
2. 5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collector Cut -of f
Current (VBE =0)
VCE = 1500 V
TC =125
oC
VCE = 1500 V
1
2
mA
mA
IEBO
Emitt er Cut -of f Current
(IC =0)
VEB =5 V
100
µA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
(IB =0)
IC = 100 mA
700
V
VEBO
Emitt er Base Voltage
(IC =0)
IE =10 mA
10
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC =4. 5 A
IB =2 A
1
V
VBE(s at)
∗ Base-Emitter
Saturation Voltage
IC =4. 5 A
IB =2 A
1.3
V
ts
tf
INDUCTIVE LO AD
St orage Time
Fall Time
IC =4. 5 A
hFE =2.5
VCC =140 V
LC =0.9 mH
LB =3
µH
7
0. 55
µs
µs
fT
Transition Frequency
IC =0. 1 A
VCE = 5 V
f = 5 MHz
7
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area (TO-3)
Safe Operating Areas (TO-218/ISOWATT218)
BU208A / BU508A / BU508AFI
2/8


Similar Part No. - BU208A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU208A MOSPEC-BU208A Datasheet
117Kb / 3P
   POWER TRANSISTORS(5.0A,1300-1500V,55W)
logo
Savantic, Inc.
BU208A SAVANTIC-BU208A Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Motorola, Inc
BU208A MOTOROLA-BU208A Datasheet
202Kb / 6P
   5.0 AMPERES NPN SILICON POWER TRANSISTOR 700 VOLTS
logo
New Jersey Semi-Conduct...
BU208A NJSEMI-BU208A Datasheet
157Kb / 3P
   HORIZONTAL DEFLECTION TRANSISTOR
logo
ON Semiconductor
BU208A ONSEMI-BU208A Datasheet
202Kb / 6P
   NPN SILICON POWER TRANSISTOR
1995 REV 7
More results

Similar Description - BU208A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU208D STMICROELECTRONICS-BU208D Datasheet
80Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
ST13007N STMICROELECTRONICS-ST13007N Datasheet
75Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BU208A STMICROELECTRONICS-BU208A_02 Datasheet
240Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BU208D STMICROELECTRONICS-BU208D Datasheet
75Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BULT118 STMICROELECTRONICS-BULT118 Datasheet
74Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BUF405A STMICROELECTRONICS-BUF405A Datasheet
51Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
SGSIF344 STMICROELECTRONICS-SGSIF344 Datasheet
90Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BUL741FP STMICROELECTRONICS-BUL741FP_V01 Datasheet
334Kb / 12P
   High voltage fast-switching NPN power transistors
Rev 3 August 2009
SGSF313 STMICROELECTRONICS-SGSF313 Datasheet
231Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BUL310PI STMICROELECTRONICS-BUL310PI Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com