Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA41-400B Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTA41-400B
Description  STANDARD TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA41-400B Datasheet(HTML) 4 Page - STMicroelectronics

  BTA41-400B Datasheet HTML 1Page - STMicroelectronics BTA41-400B Datasheet HTML 2Page - STMicroelectronics BTA41-400B Datasheet HTML 3Page - STMicroelectronics BTA41-400B Datasheet HTML 4Page - STMicroelectronics BTA41-400B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig.8 : Relative variation of gate trigger current and
holding current versus junction temperature.
Fig.9 : Non Repetitive surge peak on-state current
versus number of cycles.
Fig.10 : Non repetitive surge peak on-state current for a
sinusoidal
pulse
with
width
:
t
≤ 10ms, and
corresponding value of I2t.
1E-3
1E-2
1E-1
1E +0
1 E+1
1 E+2
1 E +3
0.01
0.10
1.00
Zth/Rth
Zth( j-c)
Zt h( j-a)
tp( s)
Fig.7 : Relative variation of thermal transient impedance
pulse duration.
Fig.5 : RMS on-state current versus case temperature.
(BTA)
Fig.6 : RMS on-state current versus case temperature.
(BTB)
BTA41 A/B / BTB41 B
4/5


Similar Part No. - BTA41-400B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTA41-400B ISC-BTA41-400B Datasheet
220Kb / 1P
   isc Thyristors
More results

Similar Description - BTA41-400B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
   STANDARD TRIACS
March 1995
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
   STANDARD TRIACS
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
   STANDARD TRIACS
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
   STANDARD TRIACS
JANUARY 1995
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
   STANDARD TRIACS
BTA16B STMICROELECTRONICS-BTA16B Datasheet
67Kb / 5P
   STANDARD TRIACS
BTB24B STMICROELECTRONICS-BTB24B Datasheet
67Kb / 4P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com