Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB20-600BW Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTB20-600BW
Description  SNUBBERLESS TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB20-600BW Datasheet(HTML) 5 Page - STMicroelectronics

  BTB20-600BW Datasheet HTML 1Page - STMicroelectronics BTB20-600BW Datasheet HTML 2Page - STMicroelectronics BTB20-600BW Datasheet HTML 3Page - STMicroelectronics BTB20-600BW Datasheet HTML 4Page - STMicroelectronics BTB20-600BW Datasheet HTML 5Page - STMicroelectronics BTB20-600BW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA20 BW/CW
BTB20 BW/CW
5/6
Fig. 9: On-state characteristics (maximum values).
Fig. 7: Non repetitive surge peak on-state current
versus number of cycles.
Fig. 8: Non repetitive surge peak on-state current
for a sinusoidal pulse with width: t
≤ 10ms, and cor-
responding value of I
2t.


Similar Part No. - BTB20-600BW

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB20-600BW KERSEMI-BTB20-600BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
HAOPIN MICROELECTRONICS...
BTB20-600BW HAOPIN-BTB20-600BW Datasheet
317Kb / 5P
   Three quadrant triacs
More results

Similar Description - BTB20-600BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
   SNUBBERLESS TRIACS
BTA12AW STMICROELECTRONICS-BTA12AW Datasheet
196Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800BW KERSEMI-BTA20-800BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2035-600M STMICROELECTRONICS-T2035-600M Datasheet
637Kb / 9P
   SNUBBERLESS TRIACS
T4016MKS STMICROELECTRONICS-T4016MKS Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTB20-600BW KERSEMI-BTB20-600BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
BTA20-700CW KERSEMI-BTA20-700CW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2514XKS STMICROELECTRONICS-T2514XKS Datasheet
322Kb / 5P
   SNUBBERLESS TRIACS
April 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com