Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH38D11SLDNP-1R9M Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDH38D11SLDNP-1R9M
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH38D11SLDNP-1R9M Datasheet(HTML) 3 Page - Sumida Corporation

  CDH38D11SLDNP-1R9M Datasheet HTML 1Page - Sumida Corporation CDH38D11SLDNP-1R9M Datasheet HTML 2Page - Sumida Corporation CDH38D11SLDNP-1R9M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH38D11/SLD, CDH38D11/S
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Specification(CDH38D11/S)
Description Of Part Name
CDH38D11/S-R68N□
1. Saturation current: The DC current at which the inductance decreases to 65% of it’s nominal value.
2. Temperature rise current: The DC current at which the temperature rise is △t=40℃(Ta=20℃).
Part Name
Stamp
Inductance
(μ
H)
Within]
100kHz
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Saturation
Current
A)※1
(at 20℃)
Temperature
rise
current
(A)※2
CDH38D11SNP-R68M□
0R7
0.68±20%
36.3m(29m)
3.50
3.30
CDH38D11SNP-1R0M□
1R0
1.0±20%
48.8m(39m)
2.80
2.85
CDH38D11SNP-1R2M□
1R2
1.2±20%
60.0m(48m)
2.60
2.60
CDH38D11SNP-1R8M□
1R8
1.8±20%
78.8m(63m)
2.20
2.25
CDH38D11SNP-2R2M□
2R2
2.2±20%
102.5m(82m)
1.90
1.84
CDH38D11SNP-2R7M□
2R7
2.7±20%
121.2m(101m)
1.70
1.56
CDH38D11SNP-3R3M□
3R3
3.3±20%
138.0m(115m)
1.56
1.50
CDH38D11SNP-4R2M□
4R2
4.2±20%
168.0m(140m)
1.35
1.40
CDH38D11SNP-4R7M□
4R7
4.7±20%
189.6m(158m)
1.30
1.20
CDH38D11SNP-5R8M□
5R8
5.8±20%
240m(200m)
1.12
1.12
CDH38D11SNP-6R8M□
6R8
6.8±20%
264m(220m)
1.05
1.08
CDH38D11SNP-8R2M□
8R2
8.2±20%
348m(290m)
0.96
0.92
CDH38D11SNP-100M□
100
10±20%
0.44(0.37)
0.84
0.82
CDH38D11SNP-120M□
120
12±20%
0.49(0.41)
0.80
0.80
CDH38D11SNP-150M□
150
15±20%
0.67(0.56)
0.68
0.67
CDH38D11SNP-180M□
180
18±20%
0.76(0.63)
0.64
0.62
CDH38D11SNP-220M□
220
22±20%
0.89(0.74)
0.58
0.59
CDH38D11SNP-270M□
270
27±20%
1.02(0.85)
0.51
0.52
CDH38D11SNP-330M□
330
33±20%
1.32(1.1)
0.44
0.50
CDH38D11SNP-390M□
390
39±20%
1.56(1.3)
0.40
0.44
B Box
C Carrier Tape


Similar Part No. - CDH38D11SLDNP-1R9M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH38D11SLDNP-1R9MC SUMIDA-CDH38D11SLDNP-1R9MC Datasheet
231Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDH38D11SLDNP-1R9M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com