Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH38D09NP-1R5M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH38D09NP-1R5M
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH38D09NP-1R5M Datasheet(HTML) 1 Page - Sumida Corporation

  CDH38D09NP-1R5M Datasheet HTML 1Page - Sumida Corporation CDH38D09NP-1R5M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH38D09
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
3.8±0.2
0.9±0.1
1.3
1.2
1.0
4.2
Product Description
4.0×4.0mm Max.(L×W), 1.0mm Max. Height.
Inductance range: 1.2~22μH
Rated current range: 0.45~1.35A
In addition to the standard versions of inductors shown here, custom inductors are available to
meet your exact requirements.
Feature
Magnetically unshielded construction.
Ideally used in Mobilephone,PDA,MP3,DSC/DVC,HDD,etc as DC-DC Converter inductors.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)


Similar Part No. - CDH38D09NP-1R5M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH38D11 SUMIDA-CDH38D11 Datasheet
185Kb / 3P
   POWER INDUCTORS
logo
Skyworks Solutions Inc.
CDH38D11-S SKYWORKS-CDH38D11-S Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
logo
Sumida Corporation
CDH38D11B SUMIDA-CDH38D11B Datasheet
141Kb / 2P
   POWER INDUCTORS
CDH38D11BNP-100M SUMIDA-CDH38D11BNP-100M Datasheet
141Kb / 2P
   POWER INDUCTORS
CDH38D11BNP-1R5M SUMIDA-CDH38D11BNP-1R5M Datasheet
141Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDH38D09NP-1R5M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com