Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH38D16BNP-8R2M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH38D16BNP-8R2M
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH38D16BNP-8R2M Datasheet(HTML) 2 Page - Sumida Corporation

  CDH38D16BNP-8R2M Datasheet HTML 1Page - Sumida Corporation CDH38D16BNP-8R2M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH38D16B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current
A)※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃) (at 100℃)
Temperature
Rise current
(A) ※2
CDH38D16BNP-4R7M□
A
4.7μH±20%
129(103)
0.74
0.53
1.28
CDH38D16BNP-5R6M□
B
5.6μH±20%
139(111)
0.72
0.52
1.20
CDH38D16BNP-8R2M□
C
8.2μH±20%
175(140)
0.59
0.44
1.10
CDH38D16BNP-1ØØM□
D
10μH±20%
213(170)
0.55
0.40
1.00
CDH38D16BNP-15ØM□
E
15μH±20%
298(238)
0.44
0.31
0.82
CDH38D16BNP-22ØM□
F
22μH±20%
412(340)
0.36
0.25
0.65
CDH38D16BNP-33ØM□
G
33μH±20%
625(500)
0.30
0.21
0.47
CDH38D16BNP-47ØM□
H
47μH±20%
850(680)
0.25
0.19
0.42
Description of part name
CDH38D16BNP-4R7M□
1.Saturation Current: The DC current at which the inductance decreases to 90% of it's initial value.
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDH38D16BNP-8R2M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH38D16D SUMIDA-CDH38D16D Datasheet
270Kb / 3P
   SMD Power Inductor
CDH38D16DLD SUMIDA-CDH38D16DLD Datasheet
154Kb / 4P
   SMD Power Inductor
CDH38D16DLDHF-100MC SUMIDA-CDH38D16DLDHF-100MC Datasheet
154Kb / 4P
   SMD Power Inductor
CDH38D16DLDHF-150MC SUMIDA-CDH38D16DLDHF-150MC Datasheet
154Kb / 4P
   SMD Power Inductor
CDH38D16DLDHF-1R0MC SUMIDA-CDH38D16DLDHF-1R0MC Datasheet
154Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDH38D16BNP-8R2M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com