Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH48D14SHPNP-2R0M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH48D14SHPNP-2R0M
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH48D14SHPNP-2R0M Datasheet(HTML) 2 Page - Sumida Corporation

  CDH48D14SHPNP-2R0M Datasheet HTML 1Page - Sumida Corporation CDH48D14SHPNP-2R0M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDH Series>
Type: CDH48D14/SHP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation
Current
A)※1
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.
Max.(Typ.)
(mΩ)(20℃)
20℃
105℃
Temperature
Rise current
(A) ※2
CDH48D14SHPNP-R85M□
R85
0.85 ±20%
42.9(34.3)
4.5
3.7
3.2
CDH48D14SHPNP-1R2M□
1R2
1.2 ±20%
51.9(41.5)
3.8
3.15
3.0
CDH48D14SHPNP-1R5M□
1R5
1.5 ±20%
59.0(47.2)
3.5
2.9
2.8
CDH48D14SHPNP-2R0M□
2R0
2.0 ±20%
68.6(54.9)
3.2
2.6
2.6
CDH48D14SHPNP-3R3M□
3R3
3.3 ±20%
107(85.5)
2.5
2.05
2.05
CDH48D14SHPNP-4R7M□
4R7
4.7 ±20%
145(116)
2.05
1.7
1.75
CDH48D14SHPNP-5R6M□
5R6
5.6 ±20%
195(156)
1.82
1.5
1.45
CDH48D14SHPNP-6R8M□
6R8
6.8 ±20%
215(172)
1.7
1.4
1.35
CDH48D14SHPNP-8R2M□
8R2
8.2 ±20%
250(200)
1.6
1.3
1.3
CDH48D14SHPNP-100M□
100
10 ±20%
269(215)
1.44
1.2
1.25
CDH48D14SHPNP-120M□
120
12 ±20%
386(309)
1.3
1.05
1.05
CDH48D14SHPNP-150M□
150
15 ±20%
434(347)
1.2
0.98
0.98
CDH48D14SHPNP-220M□
220
22 ±20%
765(612)
0.97
0.78
0.73
CDH48D14SHPNP-330M□
330
33 ±20%
1068(854)
0.8
0.65
0.60
Description of part name
CDH48D14SHPNP-1R2M□
1.Saturation Current: The DC current at which the inductance decreases to 70% of it's nominal value.
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDH48D14SHPNP-2R0M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH40D11 SUMIDA-CDH40D11 Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-100M SUMIDA-CDH40D11SMBNP-100M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-120M SUMIDA-CDH40D11SMBNP-120M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-150M SUMIDA-CDH40D11SMBNP-150M Datasheet
140Kb / 2P
   Power Inductors
CDH40D11SMBNP-180M SUMIDA-CDH40D11SMBNP-180M Datasheet
140Kb / 2P
   Power Inductors
More results

Similar Description - CDH48D14SHPNP-2R0M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com