Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPH64NP-820N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDPH64NP-820N
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH64NP-820N Datasheet(HTML) 2 Page - Sumida Corporation

  CDPH64NP-820N Datasheet HTML 1Page - Sumida Corporation CDPH64NP-820N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDPH Series>
Type: CDPH64
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
within]
1kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated current
(A)
1
CDPH64NP-1ØØN□
CDPH64NP-12ØN□
100
120
25
10μH - 20 %
25
12μH - 20 %
0.12(89m)
0.13(98m)
1.32
1.16
CDPH64NP-15ØN□
CDPH64NP-18ØN□
150
180
25
15μH - 20 %
25
18μH - 20 %
0.14(0.11)
0.15(0.12)
1.09
1.00
CDPH64NP-22ØN□
CDPH64NP-27ØN□
220
270
25
22μH - 20 %
25
27μH - 20 %
0.18(0.14)
0.24(0.18)
0.92
0.82
CDPH64NP-33ØN□
CDPH64NP-39ØN□
330
390
25
33μH - 20 %
25
39μH - 20 %
0.27(0.21)
0.31(0.24)
0.73
0.67
CDPH64NP-47ØN□
CDPH64NP-56ØN□
470
560
25
47μH - 20 %
25
56μH - 20 %
0.38(0.29)
0.44(0.34)
0.61
0.58
CDPH64NP-68ØN□
CDPH64NP-82ØN□
680
820
25
68μH - 20 %
25
82μH - 20 %
0.49(0.37)
0.59(0.45)
0.50
0.46
CDPH64NP-1Ø1N□
CDPH64NP-121N□
101
121
25
100μH - 20 %
25
120μH - 20 %
0.66(0.51)
0.73(0.56)
0.38
0.37
CDPH64NP-151N□
CDPH64NP-181N□
151
181
25
150μH - 20 %
25
180μH - 20 %
1.27(0.98)
1.42(1.09)
0.34
0.30
CDPH64NP-221N□
CDPH64NP-271N□
221
271
25
220μH - 20 %
25
270μH - 20 %
1.52(1.17)
2.30(1.77)
0.27
0.25
CDPH64NP-331N□
CDPH64NP-391N□
331
391
25
330μH - 20 %
25
390μH - 20 %
2.62(2.02)
2.88(2.21)
0.22
0.20
Description of part name
CDPH64NP-1ØØN□
1 Rated current: The DC current at which the
inductance decreases to75% of it's nominal value
or when △t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDPH64NP-820N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPH64NP-82ONB SUMIDA-CDPH64NP-82ONB Datasheet
73Kb / 6P
   CDPH64
CDPH64NP-82ONC SUMIDA-CDPH64NP-82ONC Datasheet
73Kb / 6P
   CDPH64
More results

Similar Description - CDPH64NP-820N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com