Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS14 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS14
Description  CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS14 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS14 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS14 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12 THRU SS100
CURRENT 1.0Ampere
VOLTAGE 20 to 100 Volts
Maximum Ratings and Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Features
Mechanical Data
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· For surface mount applications
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250℃/10 seconds at terminals
· Case : JEDEC SMA(DO-214AC) molded plastic body
· Terminals : Solder Plate, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Weight : 0.002 ounce, 0.064 gram
Notes:
(1) Pulse test: 300μS pulse width, 1% duty cycle
(2) Thermal resistance junction to ambient
Symbols
SS12
Units
Maximum repetitive peak reverse voltage
VRRM
20
Volts
Maximum RMS voltage
VRMS
0.55
0.85
0.70
Maximum DC blocking voltage
VDC
Volts
Maximum average forward rectified
current 0.375"(9.5mm) lead length(see Fig. 1)
I(AV)
1.0
Amp
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
25.0
Amps
Maximum instantaneous forward voltage
at 1.0A (Note 1)
VF
1.0
Volts
TA=25℃
10
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note1)
TA=100℃
mA
Typical thermal resistance
50
℃/W
Operating junction temperature range
IR
IFSM
JA
TJ
Volts
14
20
Storage temperature range
TSTG
-50 to +125
-65 to +150
(Note 2)
SS13
30
21
30
SS14
40
28
40
SS15
50
35
50
SS16
60
42
60
SS18
80
56
80
SS19
90
63
90
SS100
100
70
100
Dimensions in inches and (millimeters)
0.058(1.47)
0.052(1.32)
0.110(2.79)
0.100(2.54)
0.012(0.31)
0.006(0.15)
0.177(4.50)
0.157(3.99)
0.090(2.29)
0.078(1.98)
0.060(1.52)
0.030(0.76)
0.005(0.127)
MAX.
0.208(5.28)
0.194(4.93)
DO-214AC (SMA)


Similar Part No. - SS14

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS14 PANJIT-SS14 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS14 DGNJDZ-SS14 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS14 VISHAY-SS14 Datasheet
81Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 18-Apr-11
logo
Taiwan Semiconductor Co...
SS14 TSC-SS14 Datasheet
137Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SS14 YIXIN-SS14 Datasheet
112Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS14

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SR102 DAESAN-SR102 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SK12 DAESAN-SK12 Datasheet
311Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
1N5817 DAESAN-1N5817 Datasheet
338Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
1N17 DAESAN-1N17 Datasheet
341Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
1S20 DAESAN-1S20 Datasheet
350Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
logo
Gaomi Xinghe Electronic...
SR130SF GXELECTRONICS-SR130SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR140SF GXELECTRONICS-SR140SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR120SF GXELECTRONICS-SR120SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
SR1100SF GXELECTRONICS-SR1100SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 1.0Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com