Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4600EV Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4600EV
Description  10A High Effi ciency DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600EV Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4600EV Datasheet HTML 5Page - Linear Technology LTM4600EV Datasheet HTML 6Page - Linear Technology LTM4600EV Datasheet HTML 7Page - Linear Technology LTM4600EV Datasheet HTML 8Page - Linear Technology LTM4600EV Datasheet HTML 9Page - Linear Technology LTM4600EV Datasheet HTML 10Page - Linear Technology LTM4600EV Datasheet HTML 11Page - Linear Technology LTM4600EV Datasheet HTML 12Page - Linear Technology LTM4600EV Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4600
9
4600fa
APPLICATIO S I FOR ATIO
down when QDOWN is on and QUP is off. If the output
voltage VO needs to be margined up/down by ±M%, the
resistor values of RUP and RDOWN can be calculated from
the following equations:
()•
•(
%)
()
.
RR
V
M
RR
k
V
SET
UP
O
SET
UP
1
100
06
+
+Ω
=
RV
M
Rk
R
V
SET
O
SET
DOWN
••( – %)
()
.
1
100
06
+Ω
=
Input Capacitors
The LTM4600 µModule should be connected to a low
ac-impedance DC source. High frequency, low ESR input
capacitors are required to be placed adjacent to the mod-
ule. In Figure 20, the bulk input capacitor CIN is selected
for its ability to handle the large RMS current into the
converter. For a buck converter, the switching duty-cycle
can be estimated as:
D
V
V
O
IN
=
Without considering the inductor current ripple, the RMS
current of the input capacitor can be estimated as:
I
I
DD
CIN RMS
OMAX
()
()
%
••(
)
=−
η
1
In the above equation, η% is the estimated efficiency of
the power module. C1 can be a switcher-rated electrolytic
aluminum capacitor, OS-CON capacitor or high volume
ceramic capacitors. Note the capacitor ripple current
ratings are often based on only 2000 hours of life. This
makes it advisable to properly derate the input capacitor,
or choose a capacitor rated at a higher temperature than
required. Always contact the capacitor manufacturer for
derating requirements.
In Figure 16, the input capacitors are used as high fre-
quency input decoupling capacitors. In a typical 10A
output application, 1-2 pieces of very low ESR X5R or
X7R, 10µF ceramic capacitors are recommended. This
decoupling capacitor should be placed directly adjacent
The typical LTM4600 application circuit is shown in Figure
17. External component selection is primarily determined
by the maximum load current and output voltage.
Output Voltage Programming and Margining
The PWM controller of the LTM4600 has an internal
0.6V±1% reference voltage. As shown in the block diagram,
a 100k/0.5% internal feedback resistor connects VOUT and
FB pins. Adding a resistor RSET from VOSET pin to SGND
pin programs the output voltage:
VV
kR
R
O
SET
SET
=
+
06
100
.•
Table 1 shows the standard vaules of 1% RSET resistor
for typical output voltages:
Table 1.
RSET
(kΩ)
Open
100
66.5
49.9
43.2
31.6
22.1
13.7
VO
(V)
0.6
1.2
1.5
1.8
2
2.5
3.3
5
Voltage margining is the dynamic adjustment of the output
voltage to its worst case operating range in production
testing to stress the load circuitry, verify control/protec-
tion functionality of the board and improve the system
reliability. Figure 2 shows how to implement margining
function with the LTM4600. In addition to the feedback
resistor RSET, several external components are added.
Turn off both transistor QUP and QDOWN to disable the
margining. When QUP is on and QDOWN is off, the output
voltage is margined up. The output voltage is margined
Figure 2.
PGND
SGND
4600 F02
LTM4600
VOUT
VOSET
RSET
RUP
QUP
100k
2N7002
RDOWN
QDOWN
2N7002


Similar Part No. - LTM4600EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600EV LINER-LTM4600EV Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
More results

Similar Description - LTM4600EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
   10A, 28VIN High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
   6A, 28VIN High Effi ciency DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
   Effi ciency to 95%
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com