Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KD1084AXX33 Datasheet(PDF) 5 Page - STMicroelectronics

Part # KD1084AXX33
Description  5 A low drop positive voltage regulator adjustable and fixed
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084AXX33 Datasheet(HTML) 5 Page - STMicroelectronics

  KD1084AXX33 Datasheet HTML 1Page - STMicroelectronics KD1084AXX33 Datasheet HTML 2Page - STMicroelectronics KD1084AXX33 Datasheet HTML 3Page - STMicroelectronics KD1084AXX33 Datasheet HTML 4Page - STMicroelectronics KD1084AXX33 Datasheet HTML 5Page - STMicroelectronics KD1084AXX33 Datasheet HTML 6Page - STMicroelectronics KD1084AXX33 Datasheet HTML 7Page - STMicroelectronics KD1084AXX33 Datasheet HTML 8Page - STMicroelectronics KD1084AXX33 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
KD1084Axx
Maximum ratings
5/22
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
12
V
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-55 to +150
°C
TOP
Operating junction temperature range
-40 to +125
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220
DPAK
D2PAK
Unit
RthJC
Thermal resistance junction-case
3
8
3
°C/W
RthJA
Thermal resistance junction-ambient
50
100
62.5
°C/W


Similar Part No. - KD1084AXX33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1084AXX33 STMICROELECTRONICS-KD1084AXX33 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
More results

Similar Description - KD1084AXX33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
   5 A low drop positive voltage regulator adjustable and fixed
LD1084XX STMICROELECTRONICS-LD1084XX Datasheet
781Kb / 19P
   5 A low drop positive voltage regulator adjustable and fixed
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1085XX STMICROELECTRONICS-LD1085XX Datasheet
941Kb / 27P
   3 A low drop positive voltage regulator adjustable and fixed
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com