Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-PDA-CJS-C10 Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-PDA-CJS-C10
Description  High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDA-CJS-C10 Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDA-CJS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGaP DOMILED BL-PDx-xJS Series
V.4 Page: 4 of 8
Absolute Maximum Ratings:
Parameter
Maximum Value
Unit
DC forward current.
30
mA
Peak pulse current; (tp
≤ 10 µs, Duty cycle = 0.005)
1000
mA
Reverse voltage.
5
V
LED junction temperature.
125
°C
Operating temperature.
-40 … +100
°C
Storage temperature.
-40 … +100
°C
Power dissipation ( at room temperature )
75
mW
Vf Binning:
Vf Bin @ 20mA
Forward Voltage (V)
Standard
1.55 … 2.45 (max)
01
1.55 … 1.85
02
1.85 … 2.15
03
2.15 … 2.45
04
2.45 … 2.75
Forward voltage, Vf is measured with an accuracy of
±0.1 V.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn