Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-PDA-CJS-C10 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-PDA-CJS-C10
Description  High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDA-CJS-C10 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDA-CJS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDA-CJS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
AlInGaP DOMILED BL-PDx-xJS Series
V.4 Page: 1 of 8
Feature:
1.
High brightness surface mount LED.
2.
120
° viewing angle.
3.
Small package outline (LxWxH) of 2.8 x 3.2 x 1.8 mm.
4.
Qualified according to JEDEC moisture sensitivity Level 2.
5.
Compatible to both IR reflow soldering and TTW soldering.
Package Dimension:
Recommended Solder Pad
6.
Pb Free/ RoHS Compliance


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn