Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2262CPWLE Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC2262CPWLE
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWLE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC2262CPWLE Datasheet HTML 4Page - Texas Instruments TLC2262CPWLE Datasheet HTML 5Page - Texas Instruments TLC2262CPWLE Datasheet HTML 6Page - Texas Instruments TLC2262CPWLE Datasheet HTML 7Page - Texas Instruments TLC2262CPWLE Datasheet HTML 8Page - Texas Instruments TLC2262CPWLE Datasheet HTML 9Page - Texas Instruments TLC2262CPWLE Datasheet HTML 10Page - Texas Instruments TLC2262CPWLE Datasheet HTML 11Page - Texas Instruments TLC2262CPWLE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2262C electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless
otherwise specified)
PARAMETER
TEST CONDITIONS
TA†
TLC2262C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
300
2500
µV
VIO
Input offset voltage
Full range
3000
µV
αVIO
Temperature coefficient of input offset voltage
25
°C
2
µV/°C
αVIO
Temperature coefficient of input offset voltage
to 70
°C
2
µV/°C
Input offset voltage long-term drift (see Note 4)
VIC = 0,
RS =50 Ω
VO = 0,
25
°C
0.003
µV/mo
IIO
Input offset current
RS = 50 Ω
25
°C
0.5
pA
IIO
Input offset current
Full range
100
pA
IIB
Input bias current
25
°C
1
pA
IIB
Input bias current
Full range
100
pA
– 5
– 5.3
25
°C
5
to
5.3
to
VICR
Common mode input voltage range
|VIO|≤5mV
RS =50 Ω
4
4.2
V
VICR
Common-mode input voltage range
|VIO| ≤5 mV,
RS = 50 Ω
– 5
V
Full range
5
to
g
3.5
IO = – 20 µA
25
°C
4.99
IO = 100 µA
25
°C
4.85
4.94
VOM + Maximum positive peak output voltage
IO = – 100 µA
Full range
4.82
V
IO = 400 µA
25
°C
4.7
4.85
IO = – 400 µA
Full range
4.6
VIC = 0,
IO = 50 µA
25
°C
– 4.99
VIC =0
IO = 500 µA
25
°C
– 4.85
– 4.91
VIC = 0,
IO = 500 µA
Full range
– 4.85
VOM – Maximum negative peak output voltage
VIC =0
IO =1 mA
25
°C
– 4.7
– 4.8
V
VIC = 0,
IO = 1 mA
Full range
– 4.7
VIC =0
IO =4 mA
25
°C
– 4
– 4.3
VIC = 0,
IO = 4 mA
Full range
– 3.8
RL =50kΩ
25
°C
80
200
AVD
Large-signal differential voltage amplification
VO = ± 4 V
RL = 50 kΩ
Full range
55
V/mV
RL = 1 MΩ
25
°C
1000
ri(d)
Differential input resistance
25
°C
1012
ri(c)
Common-mode input resistance
25
°C
1012
ci(c)
Common-mode input capacitance
f = 10 kHz,
P package
25
°C
8
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
25
°C
220
CMRR
Common mode rejection ratio
VIC = – 5 V to 2.7 V,
25
°C
75
88
dB
CMRR
Common-mode rejection ratio
IC
,
VO = 0 V,
RS = 50 Ω
Full range
75
dB
kSVR
Supply voltage rejection ratio (
∆VDD± /∆VIO)
VDD
± = 2.2 V to ±8 V,
25
°C
80
95
dB
kSVR
Supply-voltage rejection ratio (
∆VDD± /∆VIO)
DD
±
,
VIC = 0,
No load
Full range
80
dB
IDD
Supply current
VO =0V
No load
25
°C
425
500
µA
IDD
Supply current
VO = 0 V,
No load
Full range
500
µA
† Full range is 0
°C to 70°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLC2262CPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2262CPWLE TI-TLC2262CPWLE Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CPWLE TI-TLC2262CPWLE Datasheet
1Mb / 76P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2262CPWLE TI1-TLC2262CPWLE Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2262CPWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com