Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCZ254-09R Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # FCZ254-09R
Description  2.54mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

FCZ254-09R Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  FCZ254-09R Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
HOUSING
P.B.T(GF30%), UL94V-0
2
ACTUATOR P.B.T(GF30%), UL94V-0
3
TERMINAL
Phosphor Bronze, Tin-plated
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 250V
Current Rating
AC/DC 1A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC1000V/1min
Insulation Resistance
1000M
MIN
Applicable Wire
-
Applicable P.C.B
1.2 ~ 1.6mm
Applicable FPC/FFC
0.30±0.03mm
Solder Height
-
Crimp Tensile Strength
-
UL FILE NO
E108706
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
DDDD
FCZ254-08R
30.34 23.12 17.78 0.7(1.2)
FCZ254-09R
32.88 25.66 20.32 0.7(1.2)
FCZ254-10R
35.42 28.20 22.86 0.7(1.2)
FCZ254-11R
37.96 30.74 25.40 0.7(1.2)
FCZ254-12R
40.50 33.28 27.94 0.7(1.2)
FCZ254-13R
43.04 35.82 30.48 0.7(1.2)
FCZ254-14R
45.58 38.36 33.02 1.2(0.7)
FCZ254-16R
50.66 43.44 38.10 0.7(1.2)
FCZ254-17R
53.20 45.98 40.64 0.7(1.2)
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
50
50
50
50
PCB
PCB
PCB
PCB LAYOUT
LAYOUT
LAYOUT
LAYOUT (FCZ254
(FCZ254
(FCZ254
(FCZ254-NNR)
-NNR)
-NNR)
-NNR)
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y (FCZ254
(FCZ254
(FCZ254
(FCZ254-NNR)
-NNR)
-NNR)
-NNR)


Similar Part No. - FCZ254-09R

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
FCZ254-09R YEONHO-FCZ254-09R Datasheet
252Kb / 1P
   2.54mm PITCH CONNECTOR
More results

Similar Description - FCZ254-09R

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
FCZ254 YEONHO-FCZ254 Datasheet
252Kb / 1P
   2.54mm PITCH CONNECTOR
YBD254B YEONHO-YBD254B Datasheet
199Kb / 1P
   2.54mm PITCH CONNECTOR
FCZ254-13B YEONHO-FCZ254-13B Datasheet
192Kb / 1P
   2.54mm PITCH CONNECTOR
FCZ254-NNS YEONHO-FCZ254-NNS Datasheet
256Kb / 1P
   2.54mm PITCH CONNECTOR
YBD254B-NNE YEONHO-YBD254B-NNE Datasheet
349Kb / 1P
   2.54mm PITCH CONNECTOR
logo
Hirose Electric
A1-06PA-2.54DS HIROSE-A1-06PA-2.54DS Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
CR22-20D-2.54DS HIROSE-CR22-20D-2.54DS Datasheet
183Kb / 5P
   2.54mm Pitch Card Edge Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
A1-6PA-2.54DS HIROSE-A1-6PA-2.54DS_17 Datasheet
219Kb / 8P
   2.54mm Pitch High Density Connector
HIF3FC-10PA-2.54DSA HIROSE-HIF3FC-10PA-2.54DSA Datasheet
235Kb / 4P
   2.54mm Pitch Low Profile Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com