Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ28 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SMBJ28
Description  POWER 600Watts VOLTAGE 5.0 to 188 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMBJ28 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SMBJ28 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMBJ28 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMBJ28 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMBJ28 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=50A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at I T (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
UNI
BI
Min
Max
IT (mA)
VWM (V)
ID (μA) (3)
(A)(2)
VC (V)
S MB J 5.0(C )
K D
K D
6.40
7.82
7.07
10
5.0
800
62.5
9.6
S MB J 5.0(C )A(5)
K E
K E
6.40
10
5.0
800
65.2
9.2
S MB J 6.0(C )
K F
K F
6.67
8.15
7.37
10
6.0
800
52.6
11.4
S MB J 6.0(C )A
K G
K G
6.67
10
6.0
800
58.3
10.3
S MB J 6.5(C )
K H
AH
7.22
7.22
8.82
10
6.5
500
48.8
12.3
S MB J 6.5(C )A
K K
AK
7.98
10
6.5
500
53.6
11.2
S MB J 7.0(C )
K L
K L
7.78
9.51
8.60
10
7.0
200
45.1
13.3
S MB J 7.0(C )A
K M
K M
7.78
10
7.0
200
50.0
12.0
S MB J 7.5(C )
K N
AN
8.33
10.2
1.0
7.5
100
42.0
14.3
S MB J 7.5(C )A
K P
AP
8.33
1.0
7.5
100
46.5
12.9
S MB J 8.0(C )
K Q
AQ
8.89
10.9
9.83
9.21
1.0
8.0
50
40.0
15.0
S MB J 8.0(C )A
K R
AR
8.89
1.0
8.0
50
44.1
13.6
S MB J 8.5(C )
K S
AS
9.44
11.5
10.4
1.0
8.5
20
37.7
15.9
S MB J 8.5(C )A
K T
AT
9.44
1.0
8.5
20
41.7
14.4
S MB J 9.0(C )
K U
AU
10.0
12.2
1.0
9.0
10
35.5
16.9
S MB J 9.0(C )A
K V
AV
10.0
1.0
9.0
10
39.0
15.4
S MB J 10(C )
K W
AW
11.1
13.6
12.3
11.1
1.0
10
5.0
31.9
18.8
S MB J 10(C )A
K X
AX
11.1
1.0
10
5.0
35.3
17.0
S MB J 11(C )
K Y
K Y
12.2
14.9
1.0
11
5.0
29.9
20.1
S MB J 11(C )A
K Z
K Z
12.2
1.0
11
5.0
33.0
18.2
S MB J 12(C )
LD
B D
13.3
16.3
13.5
1.0
12
5.0
27.3
22.0
S MB J 12(C )A
LE
B E
13.3
1.0
12
5.0
30.2
19.9
S MB J 13(C )
LF
LF
14.4
17.6
15.9
14.7
1.0
13
1.0
25.2
23.8
S MB J 13(C )A
LG
LG
14.4
1.0
13
1.0
27.9
21.5
S MB J 14(C )
LH
B H
15.6
19.1
17.2
1.0
14
1.0
23.3
25.8
S MB J 14(C )A
LK
B K
15.6
1.0
14
1.0
25.9
23.2
S MB J 15(C )
LL
B L
16.7
20.4
18.5
1.0
15
1.0
22.3
26.9
S MB J 15(C )A
LM
B M
16.7
1.0
15
1.0
24.6
24.4
S MB J 16(C )
LN
LN
17.8
21.8
19.7
1.0
16
1.0
20.8
28.8
S MB J 16(C )A
LP
LM
17.8
1.0
16
1.0
23.1
26.0
S MB J 17(C )
LQ
LQ
18.9
23.1
20.9
1.0
17
1.0
19.7
30.5
S MB J 17(C )A
LR
LR
18.9
1.0
17
1.0
21.7
27.6
S MB J 18(C )
LS
B S
20.0
24.4
1.0
18
1.0
18.6
32.2
S MB J 18(C )A
LT
B T
20.0
1.0
18
1.0
20.5
29.2
S MB J 20(C )
LU
LU
22.2
27.1
22.1
1.0
20
1.0
16.8
35.8
S MB J 20(C )A
LV
LV
22.2
1.0
20
1.0
18.5
32.4
S MB J 22(C )
LW
B W
24.4
29.8
24.5
1.0
22
1.0
15.2
39.4
S MB J 22(C )A
LX
B X
24.4
1.0
22
1.0
16.9
35.5
S MB J 24(C )
LY
B Y
26.7
32.6
26.9
1.0
24
1.0
14.0
43.0
S MB J 24(C )A
LZ
B Z
26.7
1.0
24
1.0
15.4
38.9
S MB J 26(C )
MD
C D
28.9
35.3
29.5
1.0
26
1.0
12.9
46.6
S MB J 26(C )A
ME
C E
28.9
1.0
26
1.0
14.3
42.1
S MB J 28(C )
MF
MF
31.1
38.0
34.4
31.9
1.0
28
1.0
12.0
50.0
S MB J 28(C )A
MG
MG
31.1
1.0
28
1.0
13.2
45.4
S MB J 30(C )
MH
C H
33.3
40.7
36.8
1.0
30
1.0
11.2
53.5
S MB J 30(C )A
MK
C K
33.3
1.0
30
1.0
12.4
48.4
Notes : (1) P ulse test: tp = 50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35
(5) For the bidirectional S MB G /S MB J 5.0C A, the maximum V(BR ) is 7.25V


Similar Part No. - SMBJ28

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ28 SOCAY-SMBJ28 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ28 JGD-SMBJ28 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ28 MICROSEMI-SMBJ28 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ28 SOCAY-SMBJ28 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Galaxy Semi-Conductor H...
SMBJ28 BILIN-SMBJ28 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ28

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com