Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM30CZ-H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RM30CZ-H
Description  MEDIUM POWER GENERAL USE INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM30CZ-H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RM30CZ-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM30CZ-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM30CZ-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feb.1999
–1
10
–2
10
–3
10
0
10
1
10
0
10
3
10
2
10
1
10
0
10
0
7
5
3
2
7
5
3
2
7
5
3
2
0.8
1.6
3.2
4.0
2.4
Tj=25°C
70
50
30
20
7
5
3
2
0
100
800
10
1
100
200
300
400
500
600
700
7
5
3
2
7
5
3
2
7
5
3
2
1.0
0
0.2
0.4
0.6
0.8
7
5
3
2
80
0
040
50
20
10
20
30
40
50
60
70
30
10
160
60
020
50
10
30
80
100
120
140
40
THREE-PHASE
OPERATION
RESISTIVE, INDUCTIVE LOAD
DC OPERATION
SINGLE-PHASE
OPERATION
THREE-PHASE
OPERATION
RESISTIVE, INDUCTIVE LOAD
DC OPERATION
SINGLE-
PHASE
OPERATION
MITSUBISHI DIODE MODULES
RM30DZ/CZ-M,-H
MEDIUM POWER GENERAL USE
INSULATED TYPE
PERFORMANCE CURVES
MAXIMUM FORWARD CHARACTERISTIC
ALLOWABLE SURGE (NON-REPETITIVE)
FORWARD CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
FORWARD VOLTAGE (V)
MAXIMUM TRANSIENT THERMAL IMPEDANCE
(JUNCTION TO CASE)
MAXIMUM POWER DISSIPATION
TIME (s)
AVERAGE FORWARD CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. AVERAGE FORWARD CURRENT
AVERAGE FORWARD CURRENT (A)


Similar Part No. - RM30CZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM30CZ-H MITSUBISHI-RM30CZ-H Datasheet
53Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results

Similar Description - RM30CZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM15T3A-M MITSUBISHI-TM15T3A-M Datasheet
56Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM28RZ-M MITSUBISHI-TM28RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20DA-M MITSUBISHI-TM20DA-M Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM55RZ-M MITSUBISHI-TM55RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-M MITSUBISHI-RM60DZ-M Datasheet
43Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TC-24 MITSUBISHI-RM30TC-24 Datasheet
48Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM10T3B-M MITSUBISHI-TM10T3B-M Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20RA-M MITSUBISHI-TM20RA-M Datasheet
74Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30CZ MITSUBISHI-RM30CZ Datasheet
53Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TB-H MITSUBISHI-RM30TB-H Datasheet
38Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM75TC-M MITSUBISHI-RM75TC-M Datasheet
51Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com