Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HA135A-TRB Datasheet(PDF) 7 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HA135A-TRB
Description  Amber Mono-color type 2.0x1.25x1.0mm(0805) standard package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HA135A-TRB Datasheet(HTML) 7 Page - BRIGHT LED ELECTRONICS CORP

  BL-HA135A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HA135A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HA135A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HA135A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HA135A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HA135A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HA135A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HA
A1
13
35
5A
A--T
TR
RB
B
SINCE 1981
Notes for designing:
Care must be taken to provide the current limiting resistor in the circuit so as to drive the BRIGHT
LEDs within the rated figures. Also, caution should be taken not to overload BRIGHT LEDs with
instantaneous voltage at the turning ON and OFF of the circuit.
When using the pulse drive care must be taken to keep the average current within the rated figures.
Also, the circuit should be designed so as be subjected to reverse voltage when turning off the
BRIGHT LEDs.
Storage:
In order to avoid the absorption of moisture, it is recommended to solder BRIGHT LEDs as soon as
possible after unpacking the sealed envelope.
If the envelope is still packed, to store it in the environment as following:
(1) Temperature : 5℃-30℃(41℉)Humidity : RH 60﹪Max.
(2) After this bag is opened, devices that will be applied to infrared reflow, vapor-phase reflow, or
equivalent soldering process must be:
a. Completed within 24 hours.
b. Stored at less than 30% RH.
(3) Devices require baking before mounting, if:
(2) a or (2) b is not met.
(4) If baking is required, devices must be baked under below conditions:
12 hours at 60℃±3℃.
Package and Label of Products:
(1) Package: Products are packed in one bag of 3000 pcs (one taping reel) and a label is attached
on each bag.
(2) Label:
BRIGHT LED LOGO
Part No.
Quantity
BIN.
Sealing Date
x
xx
xx
xx
Year Month Day
Manufacture Location
Ver.2.0 Page 7 of 7


Similar Part No. - BL-HA135A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HA135A-TRB AMERICANBRIGHT-BL-HA135A-TRB Datasheet
441Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
More results

Similar Description - BL-HA135A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HA134C-TRB BRIGHT-BL-HA134C-TRB Datasheet
213Kb / 8P
   Amber Mono-color type 3.2x1.0x2.0mm(1204) standard package.
BL-HA133-TRB BRIGHT-BL-HA133-TRB Datasheet
289Kb / 7P
   Amber Mono-color type 3.2x1.6x1.1mm(1206) standard package.
BL-HA136D-TRB BRIGHT-BL-HA136D-TRB Datasheet
238Kb / 8P
   Amber Mono-color type 1.6x0.8x0.8mm(0603)standard package.
BL-HA133A-TRB BRIGHT-BL-HA133A-TRB Datasheet
224Kb / 7P
   Amber Mono-color type 3.2x1.6x1.4mm(1206) standard package
BL-HA134A-TRB BRIGHT-BL-HA134A-TRB Datasheet
219Kb / 8P
   Amber Mono-color type 3.2x1.0x2.0mm (1204) standard package.
logo
Bivar, Inc.
SM0805AC BIVAR-SM0805AC Datasheet
1Mb / 5P
   SURFACE MOUNT LED AMBER, 0805 PACKAGE
Revision D 10/22
logo
Everlight Electronics C...
EAST16086YA8 EVERLIGHT-EAST16086YA8 Datasheet
500Kb / 10P
   Mono-color type.
logo
CITIZEN ELECTRONICS CO....
CL-197 CITIZEN-CL-197 Datasheet
454Kb / 1P
   Mono-Color Upward-Lighting Type
CL-260 CITIZEN-CL-260 Datasheet
508Kb / 1P
   Mono-Color Upward-Lighting Type
CL-430F CITIZEN-CL-430F Datasheet
394Kb / 1P
   Mono-Color Side-Lighting Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com