Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3999ITLX-1.5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3999ITLX-1.5
Description  Low Noise 150mA Voltage Regulator for RF/Analog Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3999ITLX-1.5 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3999ITLX-1.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3999ITLX-1.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3999ITLX-1.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3999ITLX-1.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3999ITLX-1.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3999ITLX-1.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3999ITLX-1.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3999ITLX-1.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3999ITLX-1.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Ordering Information
For micro SMD Package
Output Voltage
(V)
Grade
LP3999 Supplied as 250
Units, Tape and Reel
LP3999 Supplied as
3000 Units, Tape and
Reel
Package
Marking
1.5
STD
LP3999ITL-1.5
LP3999ITLX-1.5
1.6 (Note 2)
STD
LP3999ITL-1.6
LP3999ITLX-1.6
1.7(Note 2)
STD
LP3999ITL-1.7
LP3999ITLX-1.7
1.8
STD
LP3999ITL-1.8
LP3999ITLX-1.8
1.875
STD
LP3999ITL-1.875
LP3999ITLX-1.875
1.9 (Note 2)
STD
LP3999ITL-1.9
LP3999ITLX-1.9
2.0(Note 2)
STD
LP3999ITL-2.0
LP3999ITLX-2.0
2.1 (Note 2)
STD
LP3999ITL-2.1
LP3999ITLX-2.1
2.2(Note 2)
STD
LP3999ITL-2.2
LP3999ITLX-2.2
2.4
STD
LP3999ITL-2.4
LP3999ITLX-2.4
2.5
STD
LP3999ITL-2.5
LP3999ITLX-2.5
2.6(Note 2)
STD
LP3999ITL-2.6
LP3999ITLX-2.6
2.8
STD
LP3999ITL-2.8
LP3999ITLX-2.8
3.0(Note 2)
STD
LP3999ITL-3.0
LP3999ITLX-3.0
3.3
STD
LP3999ITL-3.3
LP3999ITLX-3.3
For micro SMD Package UNLEADED
Output Voltage
(V)
Grade
LP3999 Supplied as 250
Units, Tape and Reel
LP3999 Supplied as
3000 Units, Tape and
Reel
Package
Marking
1.5 (Note 2)
STD
LP3999ITL-1.5 NOPB
LP3999ITLX-1.5 NOPB
1.6 (Note 2)
STD
LP3999ITL-1.6 NOPB
LP3999ITLX-1.6 NOPB
1.7 (Note 2)
STD
LP3999ITL-1.7 NOPB
LP3999ITLX-1.7 NOPB
1.8 (Note 2)
STD
LP3999ITL-1.8 NOPB
LP3999ITLX-1.8 NOPB
1.875 (Note 2)
STD
LP3999ITL-1.875 NOPB
LP3999ITLX-1.875 NOPB
1.9 (Note 2)
STD
LP3999ITL-1.9 NOPB
LP3999ITLX-1.9 NOPB
2.0(Note 2)
STD
LP3999ITL-2.0 NOPB
LP3999ITLX-2.0 NOPB
2.1 (Note 2)
STD
LP3999ITL-2.1 NOPB
LP3999ITLX-2.1 NOPB
2.2(Note 2)
STD
LP3999ITL-2.2 NOPB
LP3999ITLX-2.2 NOPB
2.4 (Note 2)
STD
LP3999ITL-2.4 NOPB
LP3999ITLX-2.4 NOPB
2.5 (Note 2)
STD
LP3999ITL-2.5 NOPB
LP3999ITLX-2.5 NOPB
2.6(Note 2)
STD
LP3999ITL-2.6 NOPB
LP3999ITLX-2.6 NOPB
2.8 (Note 2)
STD
LP3999ITL-2.8 NOPB
LP3999ITLX-2.8 NOPB
3.0(Note 2)
STD
LP3999ITL-3.0 NOPB
LP3999ITLX-3.0 NOPB
3.3(Note 2)
STD
LP3999ITL-3.3 NOPB
LP3999ITLX-3.3 NOPB
www.national.com
4


Similar Part No. - LP3999ITLX-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999ITLX-1.5 NSC-LP3999ITLX-1.5 Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ITLX-1.5 NSC-LP3999ITLX-1.5 Datasheet
689Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ITLX-1.5NOPB NSC-LP3999ITLX-1.5NOPB Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ITLX-1.5NOPB NSC-LP3999ITLX-1.5NOPB Datasheet
689Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results

Similar Description - LP3999ITLX-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999_06 Datasheet
689Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Texas Instruments
LP3999 TI1-LP3999 Datasheet
1,011Kb / 19P
[Old version datasheet]   LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 TI-LP3999_15 Datasheet
979Kb / 19P
[Old version datasheet]   LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com