Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5108-015-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM5108-015-A
Description  Ultra-Small, Low-Cost,OEM Pressure Die
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM5108-015-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM5108-015-A Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5108-015-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON
MICROSTRUCTURES
INCORPORATED
© 2003 - 2004
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ sales@si-micro.com ♦ www.si-micro.com
SM5108
Ultra-Small, Low-Cost,
OEM Pressure Die
• For Extremely High-Volume Applications
• Ultra-Small, Low Cost OEM Pressure Die
DESCRIPTION
The SM5108 is a extremely small (0.65 mm
x 0.65 mm) silicon micromachined
piezoresistive pressure sensing chip that
has been optimized to provide the highest
possible accuracy for a die of this size. This
performance is achieved through careful
resistor placement and mechanical
configuration. The small die results in a
significant cost saving when compared to
larger sensor die. Over 24,000 die come on
a 150 mm wafer.
This sensor is intended for high volume
applications where cost is a critical factor,
such as consumer tire pressure gauges or
disposable pressure gauges. The SM5108 is
available as an absolute pressure sensor in
full-scale ranges of 15 PSI, 30 PSI, 60 PSI,
and 150 PSI. It is designed to be mounted
on ceramic or PC board substrates by high-
volume OEM manufacturers.
Die are probed, diced, and visually
inspected and shipped on tape in rings.
Custom pressure ranges are available in
high-volume applications.
Minimum order quantities apply to this
product.
FEATURES
Available in 15 PSI, 30 PSI, 60 PSI, and
150 PSI ranges
Extremely Low Cost
Small size (0.65 mm square)
Constant Current or Constant Voltage
Drive
High Millivolt Output
APPLICATIONS
Automotive Tire Pressure Monitoring
Engine Control
Barometric Sensing
Pneumatic Gages
Hand-held Meters
Home Appliances
Rev 1.3 6_05


Similar Part No. - SM5108-015-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5108C-015-AX ETC2-SM5108C-015-AX Datasheet
473Kb / 4P
   OEM Silicon Pressure Die
SM5108C-030-AX ETC2-SM5108C-030-AX Datasheet
473Kb / 4P
   OEM Silicon Pressure Die
SM5108C-060-AX ETC2-SM5108C-060-AX Datasheet
473Kb / 4P
   OEM Silicon Pressure Die
SM5108C-150-AX ETC2-SM5108C-150-AX Datasheet
473Kb / 4P
   OEM Silicon Pressure Die
logo
Silicon Microstructures...
SM5108E SMI-SM5108E Datasheet
612Kb / 6P
   OEM Silicon Pressure Die
More results

Similar Description - SM5108-015-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5106 ETC2-SM5106 Datasheet
222Kb / 2P
   Small, Low Cost OEM Pressure Die
logo
Silicon Microstructures...
SM9520A SMI-SM9520A Datasheet
631Kb / 6P
   OEM Silicon Pressure Die
logo
List of Unclassifed Man...
SM5108C-015-AX ETC2-SM5108C-015-AX Datasheet
473Kb / 4P
   OEM Silicon Pressure Die
logo
Silicon Microstructures...
SM30G SMI-SM30G Datasheet
646Kb / 6P
   OEM Silicon Pressure Die
SM30D SMI-SM30D Datasheet
670Kb / 6P
   OEM Silicon Pressure Die
logo
List of Unclassifed Man...
SM5102 ETC2-SM5102 Datasheet
294Kb / 2P
   OEM Silicon Pressure Die
logo
Silicon Microstructures...
SM5108E SMI-SM5108E Datasheet
612Kb / 6P
   OEM Silicon Pressure Die
logo
TE Connectivity Ltd
LVM-110 TEC-LVM-110 Datasheet
171Kb / 3P
   Low cost OEM signal conditioner
logo
List of Unclassifed Man...
3021 ETC1-3021 Datasheet
143Kb / 4P
   OEM Accelerometer Piezoresistive Low Cost
logo
TT Electronics.
DS2902 TTELEC-DS2902 Datasheet
596Kb / 6P
   OEM Pressure Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com