Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH608 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SFH608
Description  Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH608 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH608_08 Datasheet HTML 1Page - Vishay Siliconix SFH608_08 Datasheet HTML 2Page - Vishay Siliconix SFH608_08 Datasheet HTML 3Page - Vishay Siliconix SFH608_08 Datasheet HTML 4Page - Vishay Siliconix SFH608_08 Datasheet HTML 5Page - Vishay Siliconix SFH608_08 Datasheet HTML 6Page - Vishay Siliconix SFH608_08 Datasheet HTML 7Page - Vishay Siliconix SFH608_08 Datasheet HTML 8Page - Vishay Siliconix SFH608_08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83664
Rev. 1.4, 26-Oct-04
SFH608
Vishay Semiconductors
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on time
IC = 2.0 mA (to adjust by IF),
RL = 100 Ω, VCC = 5.0 V
ton
8.0
µs
Rise time
IC = 2.0 mA (to adjust by IF),
RL = 100 Ω, VCC = 5.0 V
tr
5.0
µs
Turn-off time
IC = 2.0 mA (to adjust by IF),
RL = 100 Ω, VCC= 5.0 V
toff
7.5
µs
Fall time
IC = 2.0 mA (to adjust by IF),
RL = 100 Ω, VCC = 5.0 V
tf
7.0
µs
Figure 1. Switching Schematic
Figure 2. Switching Times
isfh608_01
RL
VCC
IC
47
IF
isfh608_02
IF = 1.0 mA,
VCE = 5.0 V, tON,tR,
tOFF,tF,=f(RL)
Figure 3. Current Transfer Ratio (typ.)
Figure 4. Current Transfer Ratio (typ.)
isfh608_03
VCE = 0.5 V,
CTR =f(TA,IF)
isfh608_04
VCE = 1.5 V,
CTR =f(TA,IF)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn