Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH608 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. SFH608
Description  Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH608 Datasheet(HTML) 6 Page - Vishay Siliconix

  SFH608_08 Datasheet HTML 1Page - Vishay Siliconix SFH608_08 Datasheet HTML 2Page - Vishay Siliconix SFH608_08 Datasheet HTML 3Page - Vishay Siliconix SFH608_08 Datasheet HTML 4Page - Vishay Siliconix SFH608_08 Datasheet HTML 5Page - Vishay Siliconix SFH608_08 Datasheet HTML 6Page - Vishay Siliconix SFH608_08 Datasheet HTML 7Page - Vishay Siliconix SFH608_08 Datasheet HTML 8Page - Vishay Siliconix SFH608_08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83664
Rev. 1.4, 26-Oct-04
SFH608
Vishay Semiconductors
Package Dimensions in Inches (mm)
Figure 11. Transistor Capacitance
isfh608_11
f=1.0 MHz,CCE=f (VCE)
CCB=f (VCB),
CEB=f (VEB)
Figure 12. Collector-Emitter Leakage Current vs.Temp.
isfh608_12
IF =0,VCE =10V,
ICEO =f(TA)
i178004
.010 (.25)
typ.
.114 (2.90)
.130 (3.0)
.130 (3.30)
.150 (3.81)
.031 (0.80) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.048 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
pin one ID
6
5
4
1
2
3
18°
3°–9°
.300–.347
(7.62–8.81)
typ.
ISO Method A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn