Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ6.0 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SMCJ6.0
Description  POWER 1500Watts VOLTAGE 5.0 to 188 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMCJ6.0 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SMCJ6.0 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMCJ6.0 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMCJ6.0 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMCJ6.0 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=100A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at I T (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM Voltage at IPPM
UNI
BI
Min
Max
IT (mA)
VWM (V)
ID (μA) (3)
(A)(2)
VC (V)
S MC J 5.0(C )
G DD
G DD
6.40
7.82
10.0
5.0
1000
156.3
9.6
S MC J 5.0(C )A(5)
G DE
G DE
6.40
7.07
10.0
5.0
1000
163.0
9.2
S MC J 6.0(C )
G DF
G DF
6.67
8.15
10.0
6.0
1000
131.6
11.4
S MC J 6.0(C )A
G DG
G DG
6.67
7.37
10.0
6.0
1000
145.6
10.3
S MC J 6.5(C )
G DH
B DH
7.22
8.82
10.0
6.5
500
122.0
12.3
S MC J 6.5(C )A
G DK
B DK
7.22
7.98
10.0
6.5
500
133.9
11.2
S MC J 7.0(C )
G DL
G DL
7.78
9.51
10.0
7.0
200
112.8
13.3
S MC J 7.0(C )A
G DM
G DM
7.78
8.60
10.0
7.0
200
125.0
12.0
S MC J 7.5(C )
G DN
B DN
8.33
10.2
1.0
7.5
100
104.9
14.3
S MC J 7.5(C )A
G DP
B DP
8.33
9.21
1.0
7.5
100
116.3
12.9
S MC J 8.0(C )
G DQ
B DG
8.89
10.9
1.0
8.0
50
100.0
15.0
S MC J 8.0(C )A
G DR
B DR
8.89
9.83
1.0
8.0
50
110.3
13.6
S MC J 8.5(C )
G DS
B DS
9.44
11.5
1.0
8.5
20
94.3
15.9
S MC J 8.5(C )A
G DT
B DT
9.44
10.4
1.0
8.5
20
104.2
14.4
S MC J 9.0(C )
G DU
B DU
10.0
12.2
1.0
9.0
10
88.8
16.9
S MC J 9.0(C )A
G DV
B DV
10.0
11.1
1.0
9.0
10
97.4
15.4
S MC J 10(C )
G DW
B DW
11.1
13.6
1.0
10
5.0
79.8
18.8
S MC J 10(C )A
G DX
B DX
11.1
12.3
1.0
10
5.0
88.2
17.0
S MC J 11(C )
G DY
G DY
12.2
14.9
1.0
11
5.0
74.6
20.1
S MC J 11(C )A
G DZ
G DZ
12.2
13.5
1.0
11
5.0
82.4
18.2
S MC J 12(C )
G E D
B E D
13.3
16.3
1.0
12
5.0
68.2
22.0
S MC J 12(C )A
G E E
B E E
13.3
14.7
1.0
12
5.0
75.4
19.9
S MC J 13(C )
G E F
G E F
14.4
17.6
1.0
13
1.0
63.0
23.8
S MC J 13(C )A
G E G
G E G
14.4
15.9
1.0
13
1.0
69.8
21.5
S MC J 14(C )
G E H
B E H
15.6
19.1
1.0
14
1.0
58.1
25.8
S MC J 14(C )A
G E K
B E K
15.6
17.2
1.0
14
1.0
64.7
23.2
S MC J 15(C )
G E L
B E L
16.7
20.4
1.0
15
1.0
55.8
26.9
S MC J 15(C )A
G E M
B E M
16.7
18.5
1.0
15
1.0
61.5
24.4
S MC J 16(C )
G E N
G E N
17.8
21.8
1.0
16
1.0
52.1
28.8
S MC J 16(C )A
G E P
G E P
17.8
19.7
1.0
16
1.0
57.7
26.0
S MC J 17(C )
G E Q
G E Q
18.9
23.1
1.0
17
1.0
49.2
30.5
S MC J 17(C )A
G E R
G E R
18.9
20.9
1.0
17
1.0
54.3
27.6
S MC J 18(C )
G E S
B E S
20.0
24.4
1.0
18
1.0
46.6
32.2
S MC J 18(C )A
G E T
B E T
20.0
22.1
1.0
18
1.0
51.4
29.2
S MC J 20(C )
G E U
B E U
22.2
27.1
1.0
20
1.0
41.9
35.8
S MC J 20(C )A
G E V
B E V
22.2
24.5
1.0
20
1.0
46.3
32.4
S MC J 22(C )
G E W
B E W
24.4
29.8
1.0
22
1.0
38.1
39.4
S MC J 22(C )A
G E X
B E X
24.4
26.9
1.0
22
1.0
42.3
35.5
S MC J 24(C )
G E Y
B E Y
26.7
32.6
1.0
24
1.0
34.9
43.0
S MC J 24(C )A
G E Z
B E Z
26.7
29.5
1.0
24
1.0
38.6
38.9
S MC J 26(C )
G F D
B F D
28.9
35.3
1.0
26
1.0
32.2
46.6
S MC J 26(C )A
G F E
B F E
28.9
31.9
1.0
26
1.0
35.6
42.1
S MC J 28(C )
G F F
B F F
31.1
38.0
1.0
28
1.0
30.0
50.0
S MC J 28(C )A
G F G
B F G
31.1
34.4
1.0
28
1.0
33.0
45.4
S MC J 30(C )
G F H
B F H
33.3
40.7
1.0
30
1.0
28.0
53.5
S MC J 30(C )A
G F K
B F K
33.3
36.8
1.0
30
1.0
31.0
48.4
Notes : (1) P ulse test: tp 50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35
(5) For the bi-directional S MC G /S MC J 5.0C A, the maximum V(BR ) is 7.25V


Similar Part No. - SMCJ6.0

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ6.0 MICROSEMI-SMCJ6.0 Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Dc Components
SMCJ6.0 DCCOM-SMCJ6.0 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMCJ6.0 ANOVA-SMCJ6.0 Datasheet
312Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMCJ6.0 VISHAY-SMCJ6.0 Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Socay Electornics Co., ...
SMCJ6.0 SOCAY-SMCJ6.0 Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMCJ6.0

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
LCE6.5A MCC-LCE6.5A Datasheet
221Kb / 4P
   1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
LCE28A MCC-LCE28A_16 Datasheet
195Kb / 4P
   1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com